Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5809ZCF Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 61Page - Texas Instruments AFE5809ZCF Datasheet HTML 62Page - Texas Instruments AFE5809ZCF Datasheet HTML 63Page - Texas Instruments AFE5809ZCF Datasheet HTML 64Page - Texas Instruments AFE5809ZCF Datasheet HTML 65Page - Texas Instruments AFE5809ZCF Datasheet HTML 66Page - Texas Instruments AFE5809ZCF Datasheet HTML 67Page - Texas Instruments AFE5809ZCF Datasheet HTML 68Page - Texas Instruments AFE5809ZCF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
M
M
DC Removal Block
Down Conversion
(I Phase)
Down Conversion
(Q Phase)
Decimator
Decimation
Filter
Down
Sampler
Decimator
Down
Sampler
Decimation
Filter
To Channel
Multiplexing
To Channel
Multiplexing
Channel A
A.I
A.Q
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
Figure 85. Digital Demodulator Block
1. DC Removal Block is used to remove DC offset. An offset value can be given to specific register.
2. Down Conversion or Demodulation of signal is done by multiplying signal by cos(
ω0t) and by -sin(ω0t) to give
out I phase and Q phase respectively. cos(
ωt) and -sin(ωt) are 14-bit wide plus a sign bit. ω = 2πf, f can be
set with resolution Fs /216, where Fs is the ADC sampling frequency.
NOTE
The digital demodulator is based on a conventional down converter, that is, -sin(
ω0t) is
used for Q phase.
3. Decimator Block has two functions, Decimation Filter and Down Sampler. Decimation Filter is a variable
coefficient symmetric FIR filter and it's coefficients can be given using Coefficient RAM. Number of taps of
FIR filter is 16 x decimation factor (M). For decimation factor of M, 8M coefficients have to be stored in
Coefficient Bank. Each coefficient is 14 bit wide. Down-sampler gives out 1 sample followed by M-1 samples
zeros.
4. In Figure 86, channel multiplexing is implemented for flexible data routing. :
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com