Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5809ZCF Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 15Page - Texas Instruments AFE5809ZCF Datasheet HTML 16Page - Texas Instruments AFE5809ZCF Datasheet HTML 17Page - Texas Instruments AFE5809ZCF Datasheet HTML 18Page - Texas Instruments AFE5809ZCF Datasheet HTML 19Page - Texas Instruments AFE5809ZCF Datasheet HTML 20Page - Texas Instruments AFE5809ZCF Datasheet HTML 21Page - Texas Instruments AFE5809ZCF Datasheet HTML 22Page - Texas Instruments AFE5809ZCF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
−80.0
−75.0
−70.0
−65.0
−60.0
−55.0
−50.0
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
Low noise
Low power
Medium power
0
1
2
3
4
5
6
7
8
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
50 ohm act term
100 ohm act term
200 ohm act term
400 ohm act term
No Termination
0
1
2
3
4
5
6
7
8
9
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
100 ohm act term
200 ohm act term
400 ohm act term
Without Termination
0
1
2
3
4
5
6
7
8
9
10
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
50 ohm act term
100 ohm act term
200 ohm act term
400 ohm act term
Without Termination
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 33. Noise Figure, LNA = 12 dB and Low Noise Mode
Figure 34. Noise Figure, LNA = 18 dB and Low Noise Mode
Figure 35. Noise Figure, LNA = 24 dB and Low Noise Mode
Figure 36. Noise Figure vs Power Modes with 400
Ω
Termination
Figure 37. Noise Figure vs Power Modes Without
Figure 38. HD2 vs Frequency, VIN = 500 mVpp and VOUT = -1
Termination
dBFS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com