Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5809ZCF Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 39Page - Texas Instruments AFE5809ZCF Datasheet HTML 40Page - Texas Instruments AFE5809ZCF Datasheet HTML 41Page - Texas Instruments AFE5809ZCF Datasheet HTML 42Page - Texas Instruments AFE5809ZCF Datasheet HTML 43Page - Texas Instruments AFE5809ZCF Datasheet HTML 44Page - Texas Instruments AFE5809ZCF Datasheet HTML 45Page - Texas Instruments AFE5809ZCF Datasheet HTML 46Page - Texas Instruments AFE5809ZCF Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
Table 11. Digital Demodulator Register Map
Note: 1. When programming the SPI, 8-bit address is required. The below table and following sections only list the Add_Bit5 to
Add_Bit0. The Add_Bit7=SCID1_SEL and Add_Bit6=SCID0_SEL need to be appended as 11, 10, or 01, which determines either
SubChip1 or SubChip0 is being programmed. If SCID1_SEL,SCID0_SEL = 11, then both subchips get written with the same
register value. Please see Table 10. 2. Reserved register bits must be programmed based on their descriptions. 3. Unlisted
register bits must be programmed as 0s
Register Name
Add(Hex)
Add(Dec)
Default
Description
Bit[5:0]
Bit[5:0]
MANUAL_TX_TRIG
00[2]
00[2]
0
1: generate internal tx_trig (self clear, Write Only). This is an alternative
for TX_SYNC hardware pulse.
REGISTER_READOUT_E
00[1]
00[1]
0
1:enables readout of register at SDOUT pin (Write Only)
NABLE
CHIP_ID
01[4:0]
01[4:0]
0
Unique Chip ID
OUTPUT_MODE
02[15:13]
02[15:13]
0
000-normal operation
011- custom pattern (set by register 05).
NOTE: LSB always comes out first no matter 0x04[4]=0 or 1
111- chipID + ramp test pattern. ChipID (5 bit) and Sub-chip information
(3 bit) are the 8 LSBs and the ramp pattern is in the rest MSBs. (0x0A[9]
= 1)
SERZ_FACTOR
03[14:13]
03[14:13]
11
Serialization factor (output rate)
00-10x 01-12x 10-14x 11-16x. Note: this register is different from the ADC
SERIALIZED_DATA_RATE. The demod and ADC serilization factors
must be matched. Please see LVDS Serialization Factor.
OUTPUT_RESOLUTION
03[11:9]
03[11:9]
0
Output resoluiton of the demodulator. It refers to the ADC resolution when
the demodulator is bypassed.
100-16bit(DEMOD only)
000-14bit
001-13bit
010-12bit
MSB_FIRST
04[4]
04[4]
0
0-LSB first; 1-MSB first. This bit will not affect the test mode: customer
pattern, that is 02[15:13]=011B. Note: in the CUSTOM_PATTERN mode,
the output is always set as LSB first regardless of this bit setting.
CUSTOM_PATTERN
05[15:0]
05[15:0]
0000
Custom data pattern for LVDS (0x02[15:13]=011)
COEFF_MEM_ADDR_WR
06[7:0]
06[7:0]
0
Write address offset to coefficient memory (auto increment)
COEFF_BANK
07[111:0]
07[111:0]
---
Writes chunks of 112 bits to the coefficient memory. This RAM does not
have default values, so it is necessary to write required values to the
RAM. It is recommended to configure the RAM before other registers.
PROFILE_MEM_ADDR_W
08[4:0]
08[4:0]
0
Write address offset to profile memory (auto increment)
R
PROFILE_BANK
09 [63:0]
09 [63:0]
---
Writes chunks of 64 bits to the profile memory (effective 62 bits since two
LSBs are ignored). This RAM does not have default values, so it is
necessary to write required values to the RAM. It is recommended to
configure the RAM before other registers.
RESERVED
0A[15]
10[15]
0
Must set to 0.
MODULATE_BYPASS
0A[14]
10[14]
0
Arrange the demodulator output format for I/Q data. Please see Table 13.
DEC_SHIFT_SCALE
0A[13]
10[13]
0
0- no addtional shift applied to the decimation filter output.
1-shift the decimation filter output by 2 bits addtionally, that is apply 12dB
addtional digital gain.
RESERVED
0A[12]
10[12]
1
Must set to 1.
OUTPUT_CHANNEL_SEL
0A[11]
10[11]
0
Swap channel pairs. It is used in 4 LVDS bypass configuration to select
which of the two possible data streams to pass on. See table 13.
SIN_COS_RESET_ON_TX 0A[10]
10[10]
1
0-Continuous phase
_TRIG
1-Reset down convertion phase on TX_TRIG
FULL_LVDS_MODE
0A[9]
10[9]
0
0-Use 4 LVDS lines (1,3,5,7)
1-Use 8 LVDS lines (1-8)
Note: 4 LVDS mode valid only for decimation factors
≥4. Please see
Table 13.
RESERVED
0A[8:5]
10[8:5]
0
Must set to 0.
RESERVED
0A[4]
10[4]
0
Must set to 1.
DEC_BYPASS
0A[3]
10[3]
0
0-Enable decimation filter
1-Bypass decimation filter
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com