Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093CYLT Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 9Page - STMicroelectronics STW5093CYLT Datasheet HTML 10Page - STMicroelectronics STW5093CYLT Datasheet HTML 11Page - STMicroelectronics STW5093CYLT Datasheet HTML 12Page - STMicroelectronics STW5093CYLT Datasheet HTML 13Page - STMicroelectronics STW5093CYLT Datasheet HTML 14Page - STMicroelectronics STW5093CYLT Datasheet HTML 15Page - STMicroelectronics STW5093CYLT Datasheet HTML 16Page - STMicroelectronics STW5093CYLT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13/34
STW5093
Table 10. Control Register CR8 Functions
Table 11. Control Register CR9 Functions
Table 12. Control Register CR10 Functions
(*) Default values inserted into the Register at Power On.
Table 13. Control Register CR11 Functions
* state at power on initialization
7654
3210
Function
f17f16
f15f14
f13f12
f11f10
msb
lsb
Binary equivalent of the decimal number used to calculate f1
7654
3210
Function
f27f26
f25f24
f23f22
f21f20
msb
lsb
Binary equivalent of the decimal number used to calculate f2
7654
3210
Function
REN
RLM
ROI
RDL
PG
MB
DFT
HFT
0
1
Remocon Function disabled
*
Remocon Function enabled
0
1
Remocon output in transparent mode
*
Remocon output in latched mode
0
1
Remocon output not inverted
*
Remocon output inverted
0
1
Remocon detection latch reset by
µP
*
Remocon detection latch set by internal logic
0
1
20dB preamplifier gain
*
0dB preamplifier gain
0
1
MBIAS output disabled
*
MBIAS output enabled
0
0
1
1
0
1
0
1
Standard Frequency Tone Range
*
Halved Frequency Tone Range
Doubled Frequency Tone Range
Forbidden
7654
3210
Function
BE
BI
BZ5
BZ4
BZ3
BZ2
BZ1
BZ0
0
1
Buzzer output disabled (set to 0)
*
Buzzer output enabled
0
1
Duty Cycle is intended as the relative width of logic 1
*
Duty cycle is intended as the relative width of logic 0
msb
lsb
Binary equivalent of the decimal number used to calculate the
duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com