Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093CYLT Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 26Page - STMicroelectronics STW5093CYLT Datasheet HTML 27Page - STMicroelectronics STW5093CYLT Datasheet HTML 28Page - STMicroelectronics STW5093CYLT Datasheet HTML 29Page - STMicroelectronics STW5093CYLT Datasheet HTML 30Page - STMicroelectronics STW5093CYLT Datasheet HTML 31Page - STMicroelectronics STW5093CYLT Datasheet HTML 32Page - STMicroelectronics STW5093CYLT Datasheet HTML 33Page - STMicroelectronics STW5093CYLT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
STw5093
32/34
POWER SUPPLY NOTES
Two different strategies can be used to minimize power supply noise/interference.
a) Recommended strategy: keep analog and digital power supply rails separate. This requires to use two sets
of capacitors, one from AVCC to AGND and the other from DVCC to DGND.
Figure 10.
b) Low cost strategy: tie analog and digital power supplies together as close as possible to GND and VCC pins.
This allows to use only one set of capacitors between VCC and GND.
Figure 11.
VCCP
STw5093
D98TL412
100nF
10
µF
AVCC
VCCA
GNDP
GNDA
GND
100nF
AGND
AGND
DGND
DVCC
AGND
DGND
VCC
VCCP
STw5093
D98TL413
10
µF
VCCA
GNDP
GNDA
GND
100nF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com