Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093CYLT Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 18Page - STMicroelectronics STW5093CYLT Datasheet HTML 19Page - STMicroelectronics STW5093CYLT Datasheet HTML 20Page - STMicroelectronics STW5093CYLT Datasheet HTML 21Page - STMicroelectronics STW5093CYLT Datasheet HTML 22Page - STMicroelectronics STW5093CYLT Datasheet HTML 23Page - STMicroelectronics STW5093CYLT Datasheet HTML 24Page - STMicroelectronics STW5093CYLT Datasheet HTML 25Page - STMicroelectronics STW5093CYLT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
STw5093
22/34
ABSOLUTE MAXIMUM RATINGS
OPERATIVE SUPPLY VOLTAGES
TIMING SPECIFICATIONS (unless otherwise specified, VCCIO = 1.8V to 3.3V ,Tamb = -30°C to 85°C ; typical
characteristics are specified at VCCIO = 3.0V, Tamb = 25 °C; all signals are referenced to GND, see Note 5 for
timing definitions)
NOTICE: All timing specifications can be changed.
MASTER CLOCK TIMING
PCM INTERFACE TIMING
Parameter
Value
Unit
VCC to GND
4.6
V
Voltage at MIC (VCC
≤ 3.3V)
VCC +0.5 to GND -0.5
V
Current at VFr and VLr
± 100
mA
Current at any digital output
± 50
mA
Voltage at any digital input (VCCIO
≤ 3.3V); limited at ± 50mA
VCCIO + 0.5 to GND -0.5
V
Storage temperature range
- 65 to + 150
°C
Lead Temperature (wave soldering, 10s)
+ 260
°C
Symbol
Min.
Max.
Unit
VCC = VCCA = VCCP
2.7
3.3
V
VCCIO
1.8
VCC
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fMCLK
Frequency of MCLK
Selection of frequency is
programmable (see table 2)
512
1.536
2.048
2.560
kHz
MHz
MHz
MHz
tWMH
Period of MCLK high
Measured from VIH to VIH
150
ns
tWML
Period of MCLK low
Measured from VIL to VIL
150
ns
tRM
Rise Time of MCLK
Measured from VIL to VIH
30
ns
tFM
Fall Time of MCLK
Measured from VIH to VIL
30
ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tHMF
Hold Time MCLK low to FS low
0
ns
tSFM
Setup Time, FS high to MCLK low
30
ns
tDMD
Delay Time, MCLK high to data
valid
Load = 20pF
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com