Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5093CYLT Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 21Page - STMicroelectronics STW5093CYLT Datasheet HTML 22Page - STMicroelectronics STW5093CYLT Datasheet HTML 23Page - STMicroelectronics STW5093CYLT Datasheet HTML 24Page - STMicroelectronics STW5093CYLT Datasheet HTML 25Page - STMicroelectronics STW5093CYLT Datasheet HTML 26Page - STMicroelectronics STW5093CYLT Datasheet HTML 27Page - STMicroelectronics STW5093CYLT Datasheet HTML 28Page - STMicroelectronics STW5093CYLT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25/34
STW5093
Figure 6. A.C. TESTING INPUT, OUTPUT WAVEFORM
ANALOG INTERFACES
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RMBIAS
Switch Resistance for
Microphone bias
MBIAS 100mV under VCC
150
Ω
IMIC
Input Leakage
GND < VMIC < VCC
-100
+100
µA
RMIC
Input Resistance
GND < VMIC < VCC
50
k
Ω
RLVFr
Load Resistance
30
Ω
CLVFr
Load Capacitance
50
nF
ROVFr0
Output Resistance
Steady zero PCM code applied to
DR; I = ±1mA
1.0
Ω
RLvLr
Load Resistance
VLr+ to VLr-
8
Ω
CLvLr
Load Capacitance
from VLr+ to VLr-
50
nF
ROLVrO
Output Resistance
Steady zero PCM code applied to
DR; I ± 1mA
1
Ω
VOSVLrO
Differential offset Voltage at VLr+,
VLr-
Alternating ± zero PCM code
applied to DR maximum receive
gain; RL = 50
Ω
-50
+50
mV
AC Testing: inputs are driven at 0.8VCCIO for a logic "1"and 0.2VCCIO for a logic "0 ".
Timing measurements are made at 0.7VCCIO for a logic "1"and 0.3VCCIO for a logic "0".
0.8VCCIO
0.2VCCIO
0.7VCCIO
0.3VCCIO
0.7VCCIO
0.3VCCIO
TEST POINTS
INTPUT/OUTPUT
D93TL077A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com