Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM7160ACPZN3.3-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM7160ACPZN3.3-R7 Datasheet HTML 1Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 2Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 3Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 4Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 5Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 6Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater; EN = VIN, ILOAD = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.2
5.5
V
OPERATING SUPPLY CURRENT
IGND
ILOAD = 0 μA
10
μA
ILOAD = 0 μA, TJ = −40°C to +125°C
20
μA
ILOAD = 100 μA
20
μA
ILOAD = 100 μA, TJ = −40°C to +125°C
40
μA
ILOAD = 10 mA
60
μA
ILOAD = 10 mA, TJ = −40°C to +125°C
90
μA
ILOAD = 200 mA
265
μA
ILOAD = 200 mA, TJ = −40°C to +125°C
350
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.2
μA
EN = GND, TJ = −40°C to +125°C
1.0
μA
OUTPUT VOLTAGE ACCURACY
VOUT
ILOAD = 10 mA
−1
+1
%
100 μA < ILOAD < 200 mA, VIN = (VOUT +
0.4 V) to 5.5 V, TJ = −40°C to +125°C
VOUT < 1.8 V
−3
+2
%
VOUT ≥ 1.8 V
−2.5
+1.5
%
TEMPERATURE COEFFICIENT
TEMPCO
VOUT = 2.5 V, TJ = 25°C to 85°C
29
ppm/°C
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 5.5 V,
TJ = −40°C to +125°C
−0.05
+0.05
%/V
LOAD REGULATION
∆VOUT/∆ILOAD
VOUT < 1.8 V
ILOAD = 100 μA to 200 mA
0.006
%/mA
ILOAD = 100 μA to 200 mA,
TJ = −40°C to +125°C
0.012
%/mA
VOUT ≥ 1.8 V
ILOAD = 100 μA to 200 mA
0.003
%/mA
ILOAD = 100 μA to 200 mA,
TJ = −40°C to +125°C
0.008
%/mA
DROPOUT VOLTAGE1
VDROPOUT
ILOAD = 10 mA
10
mV
ILOAD = 10 mA, TJ = −40°C to +125°C
30
mV
ILOAD = 200 mA
150
mV
ILOAD = 200 mA, TJ = −40°C to +125°C
230
mV
START-UP TIME2
tSTART-UP
VOUT = 3.3 V
180
μs
CURRENT-LIMIT THRESHOLD3
ILIMIT
TJ = 0°C to 125°C
220
300
400
mA
UNDERVOLTAGE LOCKOUT
UVLO
TJ = −40°C to +125°C
Input Voltage Rising
UVLORISE
1.96
V
Input Voltage Falling
UVLOFALL
1.28
V
Hysteresis
UVLOHYS
120
mV
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
C
Thermal Shutdown Hysteresis
TSSD-HYS
15
C
EN INPUT
EN Input Logic High
VIH
2.2 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.2 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Pull-Down Resistance
REN
VIN = VEN = 5.5 V
2.6
MΩ
OUTPUT NOISE
OUTNOISE
VIN = 5 V, VOUT = 2.5 V
0.1 Hz to 10 Hz
3
μV rms
0.1 Hz to 100 kHz
9.5
μV rms
10 Hz to 100 kHz
9
μV rms
10 Hz to 1 MHz
17
μV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com