Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM7160ACPZN3.3-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM7160ACPZN3.3-R7 Datasheet HTML 9Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 10Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 11Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 12Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 13Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 14Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 15Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 16Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 13 of 24
THEORY OF OPERATION
The ADM7160 is an ultralow noise, low quiescent current, low
dropout linear regulator that operates from 2.2 V to 5.5 V and
can provide up to 200 mA of output current. The ADM7160
consumes a low 265 μA of quiescent current (typical) at full load.
Shutdown current consumption is typically 200 nA.
Using innovative design techniques, the ADM7160 provides
superior noise performance for noise-sensitive analog front-end
and RF applications without the need for a noise bypass capacitor.
The ADM7160 is also optimized for use with small 1 µF ceramic
capacitors.
REFERENCE
SHORT-CIRCUIT,
UVLO, AND
THERMAL
PROTECTION
SHUTDOWN
R1
R2
REN
VOUT
VIN
GND
EN
Figure 35. Internal Block Diagram
Internally, the ADM7160 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is controlled
by the error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device is pulled lower, allowing more
current to pass and increasing the output voltage. If the feedback
voltage is higher than the reference voltage, the gate of the PMOS
device is pulled higher, allowing less current to pass and decreasing
the output voltage.
An internal pull-down resistor on the EN input holds the input
low when the EN pin is left open.
The ADM7160 is available in 16 output voltage options, ranging
from 1.1 V to 3.3 V.
ENABLE FEATURE
The ADM7160 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is high, VOUT
turns on; when EN is low, VOUT turns off. For automatic startup,
EN can be tied to VIN.
As shown in Figure 36, when a rising voltage on EN crosses the
active threshold, VOUT turns on. When a falling voltage on EN
crosses the inactive threshold, VOUT turns off. The EN pin has
built-in hysteresis. This hysteresis prevents on/off oscillations that
can occur due to noise on the EN pin as it passes through the
threshold points.
3.0
2.5
2.0
1.5
0.5
1.0
0
0
0.5
1.0
1.5
2.0
2.5
ENABLE VOLTAGE (V)
Figure 36. Typical EN Pin Operation
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 37 shows typical EN active/inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
1.2
1.0
0.8
0.6
0.2
0.4
0
2.0
2.5
3.0
3.5
4.5
5.0
4.0
5.5
INPUT VOLTAGE (V)
EN ACTIVE
EN INACTIVE
Figure 37. Typical EN Pin Thresholds vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com