Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM7160ACPZN3.3-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM7160ACPZN3.3-R7 Datasheet HTML 16Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 17Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 18Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 19Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 20Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 21Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 22Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 23Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 22 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADM7160AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LNH
ADM7160AUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LNJ
ADM7160AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LNK
ADM7160AUJZ-1.8-R2
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LNH
ADM7160AUJZ-2.5-R2
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LNJ
ADM7160AUJZ-3.3-R2
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LNK
ADM7160ACPZN1.8-R7
−40°C to +125°C
1.8
6-Lead LFCSP_UD
CP-6-3
LNH
ADM7160ACPZN2.5-R7
−40°C to +125°C
2.5
6-Lead LFCSP_UD
CP-6-3
LNJ
ADM7160ACPZN3.3-R7
−40°C to +125°C
3.3
6-Lead LFCSP_UD
CP-6-3
LNK
ADM7160ACPZN1.8-R2
−40°C to +125°C
1.8
6-Lead LFCSP_UD
CP-6-3
LNH
ADM7160ACPZN2.5-R2
−40°C to +125°C
2.5
6-Lead LFCSP_UD
CP-6-3
LNJ
ADM7160ACPZN3.3-R2
−40°C to +125°C
3.3
6-Lead LFCSP_UD
CP-6-3
LNK
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact your local Analog Devices, Inc., sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com