Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7160ACPZN3.3-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7160ACPZN3.3-R7 Datasheet HTML 6Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 9Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 10Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 11Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 12Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 13Page - Analog Devices ADM7160ACPZN3.3-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 10 of 24
–80
–70
–60
–50
–40
–30
–20
–10
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
HEADROOM VOLTAGE (V)
1kHz
10kHz
100kHz
500kHz
1MHz
Figure 21. PSRR vs. Headroom Voltage at Various Frequencies,
ILOAD = 1 mA
2.45
2.47
2.49
2.51
2.53
2.55
0.01
0.1
1
10
100
1k
ILOAD (mA)
Figure 22. Output Voltage vs. Load Current
2.45
2.47
2.49
2.51
2.53
2.55
2.8
3.3
3.8
4.3
4.8
5.3
VIN (V)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 23. Output Voltage vs. Input Voltage
2.45
2.47
2.49
2.51
2.53
2.55
–50
0
50
100
150
JUNCTION TEMPERATURE (°C)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 24. Output Voltage vs. Junction Temperature
10
100
1k
0.01
0.1
1
10
100
1k
ILOAD (mA)
Figure 25. Ground Current vs. Load Current
10
100
1k
2.8
3.3
3.8
4.3
4.8
5.3
VIN (V)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 26. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com