Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS034A Datasheet(PDF) 6 Page - Texas Instruments

Part # SLTS034A
Description  8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS034A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLTS034A Datasheet HTML 2Page - Texas Instruments SLTS034A Datasheet HTML 3Page - Texas Instruments SLTS034A Datasheet HTML 4Page - Texas Instruments SLTS034A Datasheet HTML 5Page - Texas Instruments SLTS034A Datasheet HTML 6Page - Texas Instruments SLTS034A Datasheet HTML 7Page - Texas Instruments SLTS034A Datasheet HTML 8Page - Texas Instruments SLTS034A Datasheet HTML 9Page - Texas Instruments SLTS034A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6500 Series
Table 2
PT6500 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6505
PT6507
PT6502
PT6508
PT6506
PT6503
PT6501
PT6504
Vo (nom)
1.2
1.3
1.5
1.7
1.8
2.5
3.3
3.6
Va (req’d)
1.15
(5.5)k
Ω
1.2
(3.0)k
Ω
1.25
47.8k
Ω
(10.5)k
Ω
1.3
22.9k
Ω
(1.7)k
Ω
1.35
14.6k
Ω
47.8k
Ω
(3.8)k
Ω
1.4
10.5k
Ω
22.9k
Ω
(8.0)k
Ω
(1.3)k
Ω
(0.5)k
Ω
1.45
8.0k
Ω
14.6k
Ω
(20.4)k
Ω
(2.5)k
Ω
(1.2)k
Ω
1.5
6.3k
Ω
10.5k
Ω
(4.2)k
Ω
(2.2)k
Ω
1.55
5.1k
Ω
8.0k
Ω
47.8k
Ω
(7.1)k
Ω
(3.5)k
Ω
1.6
4.2k
Ω
6.3k
Ω
22.9k
Ω
(12.9)k
Ω
(5.5)k
Ω
1.65
3.5k
Ω
4.1k
Ω
14.6k
Ω
(30.4)k
Ω
(8.8)k
Ω
1.7
3.0k
Ω
4.2k
Ω
10.5k
Ω
(15.4)k
Ω
1.75
2.5k
Ω
3.5k
Ω
8.0k
Ω
47.8k
Ω
(35.4)k
Ω
1.8
2.2k
Ω
3.0k
Ω
6.3k
Ω
22.9k
Ω
(1.5)k
Ω
1.85
1.8k
Ω
2.5k
Ω
5.1k
Ω
14.6k
Ω
47.8k
Ω
(2.3)k
Ω
1.9
1.6k
Ω
2.2k
Ω
4.2k
Ω
10.5k
Ω
22.9k
Ω
(3.3)k
Ω
1.95
1.3k
Ω
1.8k
Ω
3.5k
Ω
8.0k
Ω
14.6k
Ω
(4.4)k
Ω
2.0
1.1k
Ω
1.6k
Ω
3.0k
Ω
6.3k
Ω
10.5k
Ω
(5.8)k
Ω
2.05
0.9k
Ω
1.3k
Ω
2.5k
Ω
5.1k
Ω
8.0k
Ω
(7.4)k
Ω
2.1
0.8k
Ω
1.1k
Ω
2.2k
Ω
4.2k
Ω
6.3k
Ω
(9.5)k
Ω
2.15
0.6k
Ω
0.9k
Ω
1.8k
Ω
3.5k
Ω
5.1k
Ω
(12.2)k
Ω
2.2
0.5k
Ω
0.8k
Ω
1.6k
Ω
3.0k
Ω
4.2k
Ω
(15.7)k
Ω
2.25
0.4k
Ω
0.6k
Ω
1.3k
Ω
2.5k
Ω
3.5k
Ω
(20.7)k
Ω
(2.3)k
Ω
2.3
0.3k
Ω
0.5k
Ω
1.1k
Ω
2.2k
Ω
3.0k
Ω
(28.2)k
Ω
(3.6)k
Ω
2.35
0.2k
Ω
0.4k
Ω
0.9k
Ω
1.8k
Ω
2.5k
Ω
(40.7)k
Ω
(5.1)k
Ω
2.4
0.3k
Ω
0.8k
Ω
1.6k
Ω
2.2k
Ω
(65.6)k
Ω
(6.7)k
Ω
2.45
0.2k
Ω
0.6k
Ω
1.3k
Ω
1.8k
Ω
(140.0)k
Ω
(8.5)k
Ω
2.5
0.5k
Ω
1.1k
Ω
1.6k
Ω
(10.6)k
Ω
(1.5)k
Ω
2.55
0.4k
Ω
0.9k
Ω
1.3k
Ω
95.6k
Ω
(12.9)k
Ω
(2.7)k
Ω
2.6
0.3k
Ω
0.8k
Ω
1.1k
Ω
45.7k
Ω
(15.6)k
Ω
(3.9)k
Ω
2.65
0.2k
Ω
0.6k
Ω
6.9k
Ω
29.0k
Ω
(18.6)k
Ω
(5.3)k
Ω
2.7
0.5k
Ω
0.8k
Ω
20.7k
Ω
(22.2)k
Ω
(6.8)k
Ω
2.75
0.4k
Ω
0.6k
Ω
15.7k
Ω
(26.4)k
Ω
(8.5)k
Ω
2.8
0.3k
Ω
0.5k
Ω
12.4k
Ω
(31.5)k
Ω
(10.4)k
Ω
2.85
0.2k
Ω
0.4k
Ω
10.0k
Ω
(37.6)k
Ω
(12.6)k
Ω
2.9
0.3k
Ω
8.3k
Ω
(45.4)k
Ω
(15.0)k
Ω
2.95
0.2k
Ω
0.9k
Ω
(55.3)k
Ω
(17.9)k
Ω
3.0
5.8k
Ω
(68.6)k
Ω
(21.2)k
Ω
3.1
4.1k
Ω
(115.0)k
Ω
(29.9)k
Ω
3.2
2.9k
Ω
(254.0)k
Ω
(42.9)k
Ω
3.3
2.0k
Ω
(64.6)k
Ω
3.4
1.3k
Ω
109.0k
Ω
(108.0)k
Ω
3.5
0.8k
Ω
48.4k
Ω
(238.0)k
Ω
3.6
28.2k
Ω
3.7
18.2k
Ω
87.9k
Ω
3.8
12.1k
Ω
37.9k
Ω
3.9
4/. Vout >3.8Vdc requires Vin >5.0Vdc !
8.1k
Ω
21.2k
Ω
4.0
5.2k
Ω
12.9k
Ω
4.1
3.0k
Ω
7.9k
Ω
4.2
1.3k
Ω
4.6k
Ω
4.3
2.2k
Ω
R1 = (Blue)
R2 = Black



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com