Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS034A Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS034A
Description  8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS034A Datasheet(HTML) 1 Page - Texas Instruments

  SLTS034A Datasheet HTML 1Page - Texas Instruments SLTS034A Datasheet HTML 2Page - Texas Instruments SLTS034A Datasheet HTML 3Page - Texas Instruments SLTS034A Datasheet HTML 4Page - Texas Instruments SLTS034A Datasheet HTML 5Page - Texas Instruments SLTS034A Datasheet HTML 6Page - Texas Instruments SLTS034A Datasheet HTML 7Page - Texas Instruments SLTS034A Datasheet HTML 8Page - Texas Instruments SLTS034A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6500 Series
8 Amp 5V/3.3V Input Adjustable ISR
with Short-Circuit Protection
SLTS034A
(Revised 8/23/2000)
• 8A Single Device Power
• Up to 90% efficiency (PT6501)
• Small SIP Footprint
• Standby Function
• Internal Short Circuit Protection
• Over-Temperature Protection
• Adjustable Output Voltage
The PT6500 series is a high perfor-
mance +3.1 to 6V input, 8 Amp, 14-Pin
SIP (Single In-line-Package) Inte-
grated Switching Regulator (ISR).
This ISR allows the integration of
high-speed, low-voltage Pentium pro-
cessors and their support logic into
existing 3.3V or 5V systems without
redesigning the central power supply.
The PT6502 (1.5V) provides the low
terminating voltages required by BTL/
Futurebus+, CTT, HP, and GTL Buses
from existing 3.3V or 5V power rails.
Ordering Information
PT6501! = 3.3 Volts
PT6502! = 1.5 Volts
PT6503! = 2.5 Volts
PT6504! = 3.6 Volts
PT6505! = 1.2 Volts
PT6506! = 1.8 Volts
PT6507! = 1.3 Volts
PT6508! = 1.7 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat Tab Configuration
Configuration
None
Side
Vertical Through-Hole
NR
Horizontal Through-Hole
AG
Horizontal Surface Mount
CB
Standard Application
C1 = Required 330µF electrolytic *
C2 = Required 330µF electrolytic *
* See footnotes
PT6500
11,12,13
14
7,8,9,10
4,5,6
3
1
C
2
+
C
1
+
LOAD
V
oADJ
V
IN
STBY
COM
V
OUT
COM
V
o SENSE
Q1
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do not connect
3
STBY*-Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
Pkg Style 400
†3.3V Input Bus Capable
†
†
†
†
†
Specifications
Characteristics
PT6500 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
—
8.0
A
Current Limit
Icl
Vin=+5V
—
13.0
20.0
A
Short Circuit Current
Isc
Vin=+5V
—
15.0
—
Apk
Input Voltage Range
Vin
0.1
≤ Io≤ 8.0A
Vo=2.5V and 3.3V
4.5
—
6
Vo≤1.8V
3.1
—
6
V
Vo=3.6V
4.8
—
6
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 8.0A
Vo-0.1
—
Vo+0.1
V
Ta = 0 to +70°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo ≥3.3V
—
±7
±17
3.1V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo ≤1.8V
—
±3
±8
mV
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo =2.5V
±7
±13
Load Regulation
Regload
0.1
≤ Io ≤ 8.0A, Vin = +5V
Vo ≥3.3V
—
±17
±33
Vo ≤1.8V
—
±12
±23
mV
Vo =2.5V
±13
±25
Vo Ripple/Noise
Vn
Vin = +5V, Io = 8.0 Amp
—
50
—
mVpp
Transient Response
ttr
Io step from 4A to 8.0A
—
100
—
µsec
with Co = 330µF
Vos
Vo over/undershoot
—
150
—
mV
Efficiency
η
Vin = +5V, Io = 3.0A
Vo ≥3.3V
—
90
—
Vo =2.5V
—
85
—
Vo =1.8V
—
78
—
%
Vo =1.5V
—
76
—
Vo =1.2V
—
67
—
Vin = +5V, Io = 8.0A
Vo ≥3.3V
—
83
—
Vo =2.5V
—
76
—
Vo =1.8V
—
74
—
%
Vo =1.5V
—
68
—
Vo =1.2V
—
65
—
Switching Frequency
ƒo
Over Vin and Io ranges
475
600
725
kHz
Absolute Maximum
Ta
–40 (3)
—+85 (4)
°C
Operating Temperature Range
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
—
15
—
°C/W
Continued


Similar Part No. - SLTS034A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS034A TI1-SLTS034A Datasheet
241Kb / 10P
Small SIP Footprint
More results

Similar Description - SLTS034A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC55KAAA-205 MURATA-LXDC55KAAA-205 Datasheet
430Kb / 10P
Small footprint Buck converter for up to 3A output current application
logo
Texas Instruments
PT6500 TI1-PT6500_14 Datasheet
241Kb / 10P
Small SIP Footprint
logo
Chongqing Pingwei Enter...
MUR820 CHONGQING-MUR820 Datasheet
205Kb / 1P
8A High Efficiency Rectifier
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
Efficiency up to 95%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
Small footprint
logo
Delta Electronics, Inc.
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
Built-in active PFC and up to 90% efficiency
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Wall Industries,Inc.
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
Output Current up to 8A
logo
Rohm
RQ7G080AT ROHM-RQ7G080AT Datasheet
2Mb / 14P
Pch -40V -8A Small Signal Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com