Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS034A Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS034A
Description  8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS034A Datasheet(HTML) 3 Page - Texas Instruments

  SLTS034A Datasheet HTML 1Page - Texas Instruments SLTS034A Datasheet HTML 2Page - Texas Instruments SLTS034A Datasheet HTML 3Page - Texas Instruments SLTS034A Datasheet HTML 4Page - Texas Instruments SLTS034A Datasheet HTML 5Page - Texas Instruments SLTS034A Datasheet HTML 6Page - Texas Instruments SLTS034A Datasheet HTML 7Page - Texas Instruments SLTS034A Datasheet HTML 8Page - Texas Instruments SLTS034A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
50˚C
35˚C
25˚C
60˚C
70˚C
85˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
35˚C
50˚C
70˚C
85˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
70˚C
85˚C
60˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
50˚C
85˚C
70˚C
60˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
60˚C
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
60˚C
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
85˚C
70˚C
60˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
85˚C
70˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
85˚C
70˚C
Thermal Derating (Ta)
(See Note B)
Note B:
Thermal derating graphs are developed in different air flow rates as indicated on each graph, with or without the heat tab, soldered in a printed circuit board.
Thermal Derating (Ta)
(See Note B)
Heat Tab
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
PT6502
No Heat Tab
Thermal Derating (Ta)
(See Note B)
Heat Tab
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
PT6500 Series
Thermal Data
THERMAL DERATING CURVES
Air Flow (LFM)
60
200
300
PT6501
No Heat Tab



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com