Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS034A Datasheet(PDF) 8 Page - Texas Instruments

Part # SLTS034A
Description  8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS034A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLTS034A Datasheet HTML 2Page - Texas Instruments SLTS034A Datasheet HTML 3Page - Texas Instruments SLTS034A Datasheet HTML 4Page - Texas Instruments SLTS034A Datasheet HTML 5Page - Texas Instruments SLTS034A Datasheet HTML 6Page - Texas Instruments SLTS034A Datasheet HTML 7Page - Texas Instruments SLTS034A Datasheet HTML 8Page - Texas Instruments SLTS034A Datasheet HTML 9Page - Texas Instruments SLTS034A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT6501A
LIFEBUY SIP MODULE
EEA
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6501B
LIFEBUY SIP MODULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6501C
OBSOLETE SIP MODULE
EEC
14
TBD
Call TI
Call TI
PT6501G
LIFEBUY SIP MODULE
EEG
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6501H
LIFEBUY SIP MODULE
EEH
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6501L
LIFEBUY SIP MODULE
EEL
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6501R
LIFEBUY SIP MODULE
EEE
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6502A
OBSOLETE SIP MODULE
EEA
14
TBD
Call TI
Call TI
PT6502B
LIFEBUY SIP MODULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6502G
LIFEBUY SIP MODULE
EEG
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6503A
LIFEBUY SIP MODULE
EEA
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6503B
LIFEBUY SIP MODULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6503C
OBSOLETE SIP MODULE
EEC
14
TBD
Call TI
Call TI
PT6504B
LIFEBUY SIP MODULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6506A
LIFEBUY SIP MODULE
EEA
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6506B
LIFEBUY SIP MODULE
EEK
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6506C
LIFEBUY SIP MODULE
EEC
14
12
TBD
Call TI
Level-1-215C-UNLIM
PT6506E
OBSOLETE SIP MODULE
EEC
14
TBD
Call TI
Call TI
PT6506F
OBSOLETE SIP MODULE
EEF
14
TBD
Call TI
Call TI
PT6506N
OBSOLETE SIP MODULE
EED
14
TBD
Call TI
Call TI
PT6507A
OBSOLETE SIP MODULE
EEA
14
TBD
Call TI
Call TI
PT6507B
OBSOLETE SIP MODULE
EEK
14
TBD
Call TI
Call TI
PT6507C
OBSOLETE SIP MODULE
EEC
14
TBD
Call TI
Call TI
PT6507F
OBSOLETE SIP MODULE
EEF
14
TBD
Call TI
Call TI
PT6507G
OBSOLETE SIP MODULE
EEG
14
TBD
Call TI
Call TI
PT6507L
OBSOLETE SIP MODULE
EEL
14
TBD
Call TI
Call TI
PT6507M
OBSOLETE SIP MODULE
EEM
14
TBD
Call TI
Call TI
PT6507N
OBSOLETE SIP MODULE
EED
14
TBD
Call TI
Call TI
PT6507Q
OBSOLETE SIP MODULE
EEQ
14
TBD
Call TI
Call TI
PT6507R
OBSOLETE SIP MODULE
EEE
14
TBD
Call TI
Call TI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com