Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN60N60C2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGN60N60C2
Description  HiPerFASTTM IGBTs with Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN60N60C2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGN60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXGN60N60C2
IXGN60N60C2D1
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
SOT-227B miniBLOC
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 50A, VCE = 10V, Note 1
40
58
S
C
ies
4750
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
530
pF
C
res
65
pF
Q
g
146
nC
Q
ge
I
C = 50A, VGE = 15V, VCE = 0.5 • VCES
28
nC
Q
gc
50
nC
t
d(on)
18
ns
t
ri
25
ns
t
d(off)
95
150
ns
t
fi
35
ns
E
off
0.48
0.80
mJ
t
d(on)
18
ns
t
ri
25
ns
E
on
0.90
mJ
t
d(off)
130
ns
t
fi
80
ns
E
off
1.20
mJ
R
thJC
0.26 °C/W
R
thCS
0.05
°C/W
Inductive load, T
J = 125°C
I
C = 50A, VGE = 15V
V
CE = 400V, RG = 2Ω
Inductive load, T
J = 25°C
I
C = 50A, VGE = 15 V
V
CE = 400V, RG = 2Ω
Reverse Diode (FRED)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Oherwise Specified)
Min.
Typ.
Max.
V
F
2.1
V
1.4
V
I
RM
8.3
A
t
rr
35
ns
R
thJC
0.85 °C/W
I
F = 60A, VGE = 0V, Note 1
T
J = 150°C
I
F = 60A, -di/dt = 100A/μs,
T
J = 100°C
V
R = 100V, VGE = 0V,
I
F = 1A, -di/dt = 200A/μs, VR = 30V,VGE = 0V
Note 1: PulseTest, t
≤ 300μs, Duty Cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com