Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN60N60C2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGN60N60C2
Description  HiPerFASTTM IGBTs with Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN60N60C2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGN60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXGN60N60C2
IXGN60N60C2D1
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
Fig. 12. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
CE - V olts
Cies
Coes
Cres
f = 1M Hz
Fig. 11. Gate Charge
0
3
6
9
12
15
0
20
406080
100
120
140
160
Q
G - nanoCoulombs
V
C E = 300V
I
C = 50A
I
G= 10m A
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
200
I
C - A mperes
T
J = -40º C
25
º C
125
º C
Fig. 8. Dependence of Eoff on RG
0
1
2
3
4
5
6
24
68
10121416
R
G - Ohms
I C= 75A
I C= 25A
TJ = 125º C
VGE = 15V
VCE = 400V
I C = 50A
I C = 100A
Fig. 9. Dependence of Eoff on IC
0
1
2
3
4
5
20
30
40
50
60
70
80
90
100
I
C - A mperes
R
G= 2 Ohm s
R
G = 10 Ohm s - - - - -
T
J = 125 ºC
V
GE = 15V
V
C E = 400V
T
J = 25 ºC
Fig. 10. Dependence of Eoff on Temperature
0
1
2
3
4
5
25
50
75
100
125
T
J - Degrees Centigrade
I
C = 100A
I
C = 50A
I
C = 25A
V
GE = 15V
V
C E = 400V
R
G = 2 Ohm s
R
G= 10 Ohm s - - - - -
I
C = 75A
Fig. 12. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
IXYS REF: G_60N60C2(7Y)12-11-08-A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com