Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN60N60C2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGN60N60C2
Description  HiPerFASTTM IGBTs with Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN60N60C2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGN60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGN60N60C2
IXGN60N60C2D1
200
600
1000
0
400
800
80
90
100
110
120
130
140
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
5
10
15
20
0.0
0.4
0.8
1.2
1.6
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
20
40
60
80
100
1000
0
1000
2000
3000
4000
01
2
0
20
40
60
80
100
120
140
160
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
μs
A
V
nC
A/
μs
A/
μs
t
rr
ns
t
fr
A/
μs
μs
DSEP 2x61-06A
Z
thJC
Fig. 27. Maximum Transient Thermal Impeadance Juection to Case (for Diode)
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
T
VJ= 150°C
100°C
25°C
I
F= 120A, 60A, 30A
I
RM
Q
RM
I
F= 30A, 60A, 120A
T
VJ= 100°C
V
R = 300V
t
rr
V
FR
I
F= 120A, 60A, 30A
T
VJ= 100°C
I
F = 60A
Fig. 13. Forward Current I
F Versus VF
Fig. 15. Peak Reverse Current I
RM
Versus -di
F/dt
Fig. 14. Reverse Recorvery Charge Q
r
Versus -di
F/dt
Fig. 18. Peak Forward Voltage V
RM
and t
rr Versus -diF/dt
Fig. 17. Recorvery Time t
rr Versus
-di
F/dt
Fig. 16. Dynamic Paraments Q
r, IRM
Versus T
vJ
Fig. 27. Maximum Transient Thermal Impedance (for diode)
0.001
0.010
0.100
1.000
0.0001
0.001
0.01
0.1
1
10
Pulse Width [ s ]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com