Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN60N60C2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGN60N60C2
Description  HiPerFASTTM IGBTs with Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN60N60C2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGN60N60C2 Datasheet HTML 1Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 2Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 3Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 4Page - IXYS Corporation IXGN60N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGN60N60C2
IXGN60N60C2D1
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
25
50
75
100
125
150
175
200
11.5
2
2.533.5
44.5
V
CE - V olts
V
GE = 15V
13V
11V
9V
5V
7V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
3.5
V
CE - V olts
V
GE = 15V
13V
11V
5V
7V
9V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
10
20
30
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
3.5
V
CE - V olts
V
GE = 15V
13V
11V
7V
5V
9V
Fig. 6. Input Admittance
0
25
50
75
100
125
150
175
200
3.5
4
4.5
5
5.5
6
6.577.588.5
V
GE - V olts
T
J = 125º C
25
º C
-40
º C
Fig. 4. Temperature Dependence of VCE(sat)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
25
50
75
100
125
150
T
J - Degrees Centigrade
I
C = 100A
I
C = 50A
I
C = 25A
V
GE = 15V
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter voltage
1
1.5
2
2.5
3
3.5
4
4.5
5
5
6
7
8
9
10
111213
1415
V
GE - V olts
T
J = 25º C
I C = 100A
50A
25A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com