Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 148Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 149Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 150Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 151Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 152Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 153Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 154Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 155Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 166 page
background image
Device configuration
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
152/166
Doc ID 8349 Rev 5
15.1.2
Option byte 1
●
OPT7 =
PLLx4x8 PLL Factor selection.
0: PLLx4
1: PLLx8
●
OPT6 =
PLLOFF PLL disable
0: PLL enabled
1: PLL disabled (by-passed)
●
OPT5 =
PLL32OFF 32MHz PLL disable
0: PLL32 enabled
1: PLL32 disabled (by-passed)
●
OPT4 =
OSC RC Oscillator selection
0: RC oscillator on
1: RC oscillator off
Note:
1% RC oscillator available on ST7LITE25 and ST7LITE29 devices only
If the RC oscillator is selected, then to improve clock stability and frequency accuracy, it is
recommended to place a decoupling capacitor, typically 100nF, between the VDD and VSS
pins as close as possible to the ST7 device.
●
OPT3:2 =
LVD[1:0] Low voltage detection selection
These option bits enable the LVD block with a selected threshold as shown in Table 95.
●
OPT1 =
WDG SW Hardware or Software Watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
●
OPT0 =
WDG HALT Watchdog Reset on HALT
This option bit determines if a RESET is generated when entering HALT mode while
the Watchdog is active.
0: No Reset generation when entering HALT mode
1: Reset generation when entering HALT mode
Table 95.
LVD Threshold Configuration
Configuration
LVD1
LVD0
LVD Off
11
Highest Voltage Threshold (
∼4.1V)
1
0
Medium Voltage Threshold (
∼3.5V)
0
1
Lowest Voltage Threshold (
∼2.8V)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com