Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29F2 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST7LITE29F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29F2 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST7LITE29F2 Datasheet HTML 149Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 150Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 151Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 152Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 153Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 154Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 155Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 156Page - STMicroelectronics ST7LITE29F2 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Device configuration
Doc ID 8349 Rev 5
153/166
Note:
For further information, see clock management block diagram in Figure 13
.
15.2
Device ordering information and transfer of customer code
Customer code is made up of the FASTROM contents and the list of the selected options (if
any).
The FASTROM contents are to be sent on diskette, or by electronic means, with the S19
hexadecimal file generated by the development tool. All unused bytes must be set to FFh.
The selected options are communicated to STMicroelectronics using the correctly
completed Option list appended on Table 98: ST7LITE2 FASTROM microcontroller option
list.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The STMicroelectronics Sales Organization will be pleased to provide detailed information
on contractual points.
Table 96.
List of valid option combinations
Operating conditions
Option bits
VDD range
Clock Source
PLL
Typ fCPU
OSC
PLLOFF PLLx4x8
2.4V - 3.3V
Internal RC 1%(1)
1.
Configuration available on ST7LITE25 and ST7LITE29 devices only
off
0.7MHz @3V
0
1
1
x4
2.8MHz @3V
0
0
0
x8
−−
−
−
External clock or
oscillator
(depending on OPT6:4
selection)
off
0-4MHz
1
1
1
x4
4MHz
1
0
0
x8
−−
−
−
3.3V - 5.5V
Internal RC 1%(1)
off
1MHz @5V
0
1
1
x4
−−
−
−
x8
8MHz @5V
0
0
1
External clock or
oscillator
(depending on OPT6:4
selection)
off
0-8MHz
1
1
1
x4
−−
−
−
x8
8 MHz
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com