Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8574P Datasheet HTML 1Page - NXP Semiconductors PCF8574P Datasheet HTML 2Page - NXP Semiconductors PCF8574P Datasheet HTML 3Page - NXP Semiconductors PCF8574P Datasheet HTML 4Page - NXP Semiconductors PCF8574P Datasheet HTML 5Page - NXP Semiconductors PCF8574P Datasheet HTML 6Page - NXP Semiconductors PCF8574P Datasheet HTML 7Page - NXP Semiconductors PCF8574P Datasheet HTML 8Page - NXP Semiconductors PCF8574P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
4 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration for DIP16
Fig 4.
Pin configuration for SO16
Fig 5.
Pin configuration for
SSOP20
PCF8574P
PCF8574AP
A0
VDD
A1
SDA
A2
SCL
P0
INT
P1
P7
P2
P6
P3
P5
VSS
P4
002aad625
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
A0
VDD
A1
SDA
A2
SCL
P0
INT
P1
P7
P2
P6
P3
P5
VSS
P4
PCF8574T/3
PCF8574AT/3
002aad626
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
PCF8574TS/3
PCF8574ATS/3
P7
SCL
P6
n.c.
n.c.
SDA
P5
P4
A0
A1
P3
n.c.
n.c.
A2
P2
P0
P1
002aad627
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
VDD
INT
VSS
Table 3.
Pin description
Symbol
Pin
Description
DIP16, SO16
SSOP20
A0
1
6
address input 0
A1
2
7
address input 1
A2
3
9
address input 2
P0
4
10
quasi-bidirectional I/O 0
P1
5
11
quasi-bidirectional I/O 1
P2
6
12
quasi-bidirectional I/O 2
P3
7
14
quasi-bidirectional I/O 3
VSS
8
15
supply ground
P4
9
16
quasi-bidirectional I/O 4
P5
10
17
quasi-bidirectional I/O 5
P6
11
19
quasi-bidirectional I/O 6
P7
12
20
quasi-bidirectional I/O 7
INT
13
1
interrupt output (active LOW)
SCL
14
2
serial clock line
SDA
15
4
serial data line
VDD
16
5
supply voltage
n.c.
-
3, 8, 13, 18
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com