Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 4Page - NXP Semiconductors PCF8574P Datasheet HTML 5Page - NXP Semiconductors PCF8574P Datasheet HTML 6Page - NXP Semiconductors PCF8574P Datasheet HTML 7Page - NXP Semiconductors PCF8574P Datasheet HTML 8Page - NXP Semiconductors PCF8574P Datasheet HTML 9Page - NXP Semiconductors PCF8574P Datasheet HTML 10Page - NXP Semiconductors PCF8574P Datasheet HTML 11Page - NXP Semiconductors PCF8574P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
8 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
8.2 Writing to the port (Output mode)
The master (microcontroller) sends the START condition and slave address setting the
last bit of the address byte to logic 0 for the write mode. The PCF8574/74A acknowledges
and the master then sends the data byte for P7 to P0 to the port register. As the clock line
goes HIGH, the 8-bit data is presented on the port lines after it has been acknowledged by
the PCF8574/74A. If a LOW is written, the strong pull-down turns on and stays on. If a
HIGH is written, the strong pull-up turns on for 1⁄2 of the clock cycle, then the line is held
HIGH by the weak current source. The master can then send a STOP or ReSTART
condition or continue sending data. The number of data bytes that can be sent
successively is not limited and the previous data is overwritten every time a data byte has
been sent and acknowledged.
Ensure a logic 1 is written for any port that is being used as an input to ensure the strong
external pull-down is turned off.
Simple code WRITE mode:
<S> <slave address + write> <ACK> <data out> <ACK> <data out> <ACK> ...
<data out> <ACK> <P>
Remark: Bold type = generated by slave device.
Fig 8.
Write mode (output)
A5 A4 A3 A2 A1 A0
0
A
SA6
slave address
START condition
R/W
acknowledge
from slave
002aah349
P6
1
P7
data 1
A
acknowledge
from slave
12345678
SCL
9
SDA
A
acknowledge
from slave
write to port
data output from port
tv(Q)
P5
data 2
DATA 2 VALID
P4 P3 P2 P1 P0
P7
P4 P3 P2 P1 P0
P6
P5
0
tv(Q)
DATA 1 VALID
P5 output voltage
Itrt(pu)
IOH
P5 pull-up output current
td(rst)
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com