Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 12Page - NXP Semiconductors PCF8574P Datasheet HTML 13Page - NXP Semiconductors PCF8574P Datasheet HTML 14Page - NXP Semiconductors PCF8574P Datasheet HTML 15Page - NXP Semiconductors PCF8574P Datasheet HTML 16Page - NXP Semiconductors PCF8574P Datasheet HTML 17Page - NXP Semiconductors PCF8574P Datasheet HTML 18Page - NXP Semiconductors PCF8574P Datasheet HTML 19Page - NXP Semiconductors PCF8574P Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
16 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
13. Static characteristics
[1]
The power-on reset circuit resets the I2C-bus logic at VDD <VPOR and sets all I/Os to logic 1 (with current source to VDD).
Table 9.
Static characteristics
VDD = 2.5 V to 6 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.5
-
6.0
V
IDD
supply current
operating mode; VDD = 6 V; no load;
VI =VDD or VSS; fSCL = 100 kHz
-
40
100
A
Istb
standby current
standby mode; VDD = 6 V; no load;
VI =VDD or VSS
-2.5
10
A
VPOR
power-on reset voltage
VDD =6V; no load; VI =VDD or VSS
[1] -1.3
2.4
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD +0.5
V
IOL
LOW-level output current
VOL =0.4 V
3
-
-
mA
IL
leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
--
7
pF
I/Os; P0 to P7
VIL
LOW-level input voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD +0.5
V
IIHL(max)
maximum allowed input current
through protection diode
VI  VDD or VI  VSS
--
400
A
IOL
LOW-level output current
VOL =1 V; VDD =5V
10
25
-
mA
IOH
HIGH-level output current
VOH =VSS
30
-
300
A
Itrt(pu)
transient boosted pull-up current HIGH during acknowledge (see
Figure 8); VOH =VSS; VDD =2.5 V
-
1-
mA
Ci
input capacitance
-
-
10
pF
Co
output capacitance
-
-
10
pF
Interrupt INT (see Figure 8)
IOL
LOW-level output current
VOL =0.4 V
1.6
-
-
mA
IL
leakage current
VI =VDD or VSS
1-
+1
A
Select inputs A0, A1, A2
VIL
LOW-level input voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD +0.5
V
ILI
input leakage current
pin at VDD or VSS
250
-
+250
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com