Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 2Page - NXP Semiconductors PCF8574P Datasheet HTML 3Page - NXP Semiconductors PCF8574P Datasheet HTML 4Page - NXP Semiconductors PCF8574P Datasheet HTML 5Page - NXP Semiconductors PCF8574P Datasheet HTML 6Page - NXP Semiconductors PCF8574P Datasheet HTML 7Page - NXP Semiconductors PCF8574P Datasheet HTML 8Page - NXP Semiconductors PCF8574P Datasheet HTML 9Page - NXP Semiconductors PCF8574P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
6 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
8.
I/O programming
8.1 Quasi-bidirectional I/Os
A quasi-bidirectional I/O is an input or output port without using a direction control register.
Whenever the master reads the register, the value returned to master depends on the
actual voltage or status of the pin. At power on, all the ports are HIGH with a weak 100
A
internal pull-up to VDD, but can be driven LOW by an internal transistor, or an external
signal. The I/O ports are entirely independent of each other, but each I/O octal is
controlled by the same read or write data byte.
Advantages of the quasi-bidirectional I/O over totem pole I/O include:
• Better for driving LEDs since the p-channel (transistor to VDD) is small, which saves
die size and therefore cost. LED drive only requires an internal transistor to ground,
while the LED is connected to VDD through a current-limiting resistor. Totem pole I/O
have both n-channel and p-channel transistors, which allow solid HIGH and LOW
output levels without a pull-up resistor — good for logic levels.
• Simpler architecture — only a single register and the I/O can be both input and output
at the same time. Totem pole I/O have a direction register that specifies the port pin
direction and it is always in that configuration unless the direction is explicitly
changed.
• Does not require a command byte. The simplicity of one register (no need for the
pointer register or, technically, the command byte) is an advantage in some
embedded systems where every byte counts because of memory or bandwidth
limitations.
Table 5.
PCF8574A address map
Pin connectivity
Address of PCF8574A
Address byte value
7-bit
hexadecimal
address
without R/W
A2
A1
A0
A6
A5
A4
A3
A2
A1
A0 R/W
Write
Read
VSS
VSS
VSS
011
1000
-
70h
71h
38h
VSS
VSS
VDD
011
1001
-
72h
73h
39h
VSS
VDD
VSS
011
1010
-
74h
75h
3Ah
VSS
VDD
VDD
011
1011
-
76h
77h
3Bh
VDD
VSS
VSS
011
1100
-
78h
79h
3Ch
VDD
VSS
VDD
011
1101
-
7Ah
7Bh
3Dh
VDD
VDD
VSS
011
1110
-
7Ch
7Dh
3Eh
VDD
VDD
VDD
011
1111
-
7Eh
7Fh
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com