Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-DS60 Datasheet(PDF) 10 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLD-DS60 Datasheet HTML 6Page - Cree, Inc CLD-DS60 Datasheet HTML 7Page - Cree, Inc CLD-DS60 Datasheet HTML 8Page - Cree, Inc CLD-DS60 Datasheet HTML 9Page - Cree, Inc CLD-DS60 Datasheet HTML 10Page - Cree, Inc CLD-DS60 Datasheet HTML 11Page - Cree, Inc CLD-DS60 Datasheet HTML 12Page - Cree, Inc CLD-DS60 Datasheet HTML 13Page - Cree, Inc CLD-DS60 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
xlamp mK-R leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
10
Performance GrouPs - chromaticity (t
J = 85 °c) - continued
ansi White bins
code
cct
bin
code
x
y
bin
code
x
y
bin
code
x
y
bin
code
x
y
051
6200 K
0A0
0.2920
0.3060
0R0
0.2950
0.2970
1A0
0.3048
0.3207
1R0
0.3068
0.3113
0.2984
0.3133
0.3009
0.3042
0.3130
0.3290
0.3144
0.3186
0.3009
0.3042
0.3037
0.2937
0.3144
0.3186
0.3161
0.3059
0.2950
0.2970
0.2980
0.2880
0.3068
0.3113
0.3093
0.2993
0B0
0.2895
0.3135
0S0
0.2870
0.3210
1B0
0.3028
0.3304
1S0
0.3005
0.3415
0.2962
0.3220
0.2937
0.3312
0.3115
0.3391
0.3099
0.3509
0.2984
0.3133
0.2962
0.3220
0.3130
0.3290
0.3115
0.3391
0.2920
0.3060
0.2895
0.3135
0.3048
0.3207
0.3028
0.3304
0C0
0.2962
0.3220
0T0
0.2937
0.3312
1C0
0.3115
0.3391
1T0
0.3099
0.3509
0.3028
0.3304
0.3005
0.3415
0.3205
0.3481
0.3196
0.3602
0.3048
0.3207
0.3028
0.3304
0.3213
0.3373
0.3205
0.3481
0.2984
0.3133
0.2962
0.3220
0.3130
0.3290
0.3115
0.3391
0D0
0.2984
0.3133
0U0
0.3009
0.3042
1D0
0.3130
0.3290
1U0
0.3144
0.3186
0.3048
0.3207
0.3068
0.3113
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3093
0.2993
0.3221
0.3261
0.3231
0.3120
0.3009
0.3042
0.3037
0.2937
0.3144
0.3186
0.3161
0.3059
ansi White bins
code
cct
bin
code
x
y
bin
code
x
y
bin
code
x
y
051
6200 K
2A0
0.3215
0.3350
2R0
0.3222
0.3243
3A0
.3371
.3490
0.3290
0.3417
0.3290
0.3300
.3451
.3554
0.3290
0.3300
0.3290
0.3180
.3440
.3427
0.3222
0.3243
0.3231
0.3120
.3366
.3369
2B0
0.3207
0.3462
2S0
0.3196
0.3602
3B0
.3376
.3616
0.3290
0.3538
0.3290
0.3690
.3463
.3687
0.3290
0.3417
0.3290
0.3538
.3451
.3554
0.3215
0.3350
0.3207
0.3462
.3371
.3490
2C0
0.3290
0.3538
2T0
0.3290
0.3690
3C0
.3463
.3687
0.3376
0.3616
0.3381
0.3762
.3551
.3760
0.3371
0.3490
0.3376
0.3616
.3533
.3620
0.3290
0.3417
0.3290
0.3538
.3451
.3554
2D0
0.3290
0.3417
2U0
0.3290
0.3300
3D0
.3451
.3554
0.3371
0.3490
0.3366
0.3369
.3533
.3620
0.3366
0.3369
0.3361
0.3245
.3515
.3487
0.3290
0.3300
0.3290
0.3180
.3440
.3427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com