Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-DS60 Datasheet(PDF) 13 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 13 Page - Cree, Inc

Back Button CLD-DS60 Datasheet HTML 9Page - Cree, Inc CLD-DS60 Datasheet HTML 10Page - Cree, Inc CLD-DS60 Datasheet HTML 11Page - Cree, Inc CLD-DS60 Datasheet HTML 12Page - Cree, Inc CLD-DS60 Datasheet HTML 13Page - Cree, Inc CLD-DS60 Datasheet HTML 14Page - Cree, Inc CLD-DS60 Datasheet HTML 15Page - Cree, Inc CLD-DS60 Datasheet HTML 16Page - Cree, Inc CLD-DS60 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
xlamp mK-R leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
13
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
13
cree ansi White bins Plotted on the 1931 cie color sPace (t
J = 85 °c)
2600K
2700K
2900K
3000K
3200K
3500K
3700K
4000K
4300K
4500K
4750K
5000K
5300K
3A
3B
3C
3D
4A
4B
4C
4D
5A
5B
5C
5D
6A
6B
6C
6D
7A
7B
7C
7D
8A
8B
8C
8D
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI
C78.377A
5000K
5700K
6500K
8000K
0A
0B
0C
0D
0R
0S
0T
0U
1A
1B
1C
1D
2A
2B
2C
2D
3A
3B
1R
1S
1T
1U
2R
2S
2T
2U
3R
3S
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
CCx
ANSI
C78.377A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com