Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-DS60 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-DS60 Datasheet HTML 1Page - Cree, Inc CLD-DS60 Datasheet HTML 2Page - Cree, Inc CLD-DS60 Datasheet HTML 3Page - Cree, Inc CLD-DS60 Datasheet HTML 4Page - Cree, Inc CLD-DS60 Datasheet HTML 5Page - Cree, Inc CLD-DS60 Datasheet HTML 6Page - Cree, Inc CLD-DS60 Datasheet HTML 7Page - Cree, Inc CLD-DS60 Datasheet HTML 8Page - Cree, Inc CLD-DS60 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product family data sheet
cree® Xlamp® mK-r leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Product descriPtion
Built on Cree’s revolutionary SC³
Technology™ platform, the XLamp
MK-R LeD brings new levels of price
and
performance
to
directional
LeD
arrays,
enabling
lighting
manufacturers to create the next
generation of high-lumen indoor
and outdoor LeD lighting systems.
In single-LeD systems, the XLamp
MK-R, with easyWhite™ color binning,
provides the LeD industry’s tightest
unit-to-unit color consistency. For
systems using multiple LeDs, the
MK-R enables manufacturers to use
fewer LeDs while maintaining light
output and color consistency, which
translates to lower system cost.
The XLamp MK-R is optimized for
directional lighting applications and
is a welcome addition to applications
requiring high lumen output, a
compact optical source and a broad
palette of color temperature and CRI
values.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite bins at 2700 K,
3000 K, 3500 K, 4000 K, 4500 K
and 5000 K CCT
• Maximum drive current:
1250 mA
• Low thermal resistance:
1.7 °C/W
• Maximum junction temperature:
150 °C
• Binned at 85 °C
• viewing angle: 120°
• Available in cool white, 70-, 80-
and 90-CRI minimums
• Unlimitedfloorlifeat
≤30ºC/85%RH
• Reflowsolderable-JEDEC
J-STD-020C
• electrically neutral thermal path
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®,
the Cree logo and XLamp® are registered trademarks and easyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics ............................ 2
Flux Characteristics, Standard
Order Codes and Bins .................. 2
Standard Order Codes and Bins ..... 3
Relative Spectral Power
Distribution................................. 4
RelativeFluxvs.Junction
Temperature ............................... 4
electrical Characteristics............... 5
Thermal Design........................... 5
Relative Flux vs. Current .............. 6
Relative Chromaticity vs. Current... 6
Relative Chromaticity vs.
Temperature ............................... 7
Typical Spatial Distribution............ 7
Performance Groups - Brightness... 8
Performance Groups -
Chromaticity ............................... 9
Cree easyWhite Bins Plotted on the
1931 CIe Color Space .................12
Cree ANSI White Bins Plotted on
the 1931 CIe Color Space ............13
Bin and Order Code Formats ........14
ReflowSolderingCharacteristics ...15
Notes........................................16
Mechanical Dimensions................17
Tape and Reel ............................18
Packaging..................................19


Similar Part No. - CLD-DS60

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
Cree® XLamp® XP-E LEDs
Rev 17A
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
Cree® XLamp® XP-E High-Efficiency White LEDs
Rev 4
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
Cree® XLamp® XT-E Royal Blue LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
More results

Similar Description - CLD-DS60

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
Cree® XLamp® MX-6 LEDs
Rev 2
ML-E CREE-ML-E Datasheet
993Kb / 10P
Cree® XLamp® ML-E LEDs
REV 1
XPBL CREE-XPBL Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
Cree® XLamp® XP-E2 LEDs
Rev 0
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
Cree® XLamp® XM-L2 LEDs
Rev 0
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
Cree® XLamp® XP Family LEDs
rev 19
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
Cree® XLamp® XP-E2 LEDs
Rev 3
MKRBWT-00-0000-0N0HG430H CREE-MKRBWT-00-0000-0N0HG430H Datasheet
1Mb / 13P
Cree® XLamp® MK-R2 LEDs
Rev 0B
XD16 CREE-XD16 Datasheet
2Mb / 29P
Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
Cree짰 XLamp짰 XHP35.2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com