Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-DS60 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 2 Page - Cree, Inc

  CLD-DS60 Datasheet HTML 1Page - Cree, Inc CLD-DS60 Datasheet HTML 2Page - Cree, Inc CLD-DS60 Datasheet HTML 3Page - Cree, Inc CLD-DS60 Datasheet HTML 4Page - Cree, Inc CLD-DS60 Datasheet HTML 5Page - Cree, Inc CLD-DS60 Datasheet HTML 6Page - Cree, Inc CLD-DS60 Datasheet HTML 7Page - Cree, Inc CLD-DS60 Datasheet HTML 8Page - Cree, Inc CLD-DS60 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
xlamp mK-R leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
2
characteristics
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point
°C/W
1.7
Viewingangle-fullwidthhalfmaximum(FWHM)
degrees
120
Temperaturecoefficientofvoltage
mv/°C
-7
ESDclassification(HBMperMil-Std-883D)
Class 2
DC forward current
mA
1250
Reverse voltage
v
-5
Forwardvoltage(@700mA,85°C)
v
11.7
14
LeD junction temperature
°C
150
fluX characteristics, standard order codes and bins (i
f = 700 ma, tJ = 85 °c)
The following tables provide order codes for XLamp MK-R easyWhite LeDs. For a complete description of the order code
nomenclature,pleasereferenceBinandOrderCodeFormats(page14).
color
cct
range
base order codes
min. luminous flux
@ 700 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
80-CRI
easyWhite
5000 K
H2
900
1044
50H
MKRAWT-00-0000-0D0HH250H
50F
MKRAWT-00-0000-0D0HH250F
G4
840
974
MKRAWT-00-0000-0D0HG450H
MKRAWT-00-0000-0D0HG450F
4500 K
H2
900
1044
45H
MKRAWT-00-0000-0D0HH245H
45F
MKRAWT-00-0000-0D0HH245F
G4
840
974
MKRAWT-00-0000-0D0HG445H
MKRAWT-00-0000-0D0HG445F
4000 K
H2
900
1044
40H
MKRAWT-00-0000-0D0HH240H
40F
MKRAWT-00-0000-0D0HH240F
G4
840
974
MKRAWT-00-0000-0D0HG440H
MKRAWT-00-0000-0D0HG440F
3500 K
H2
900
1044
35H
MKRAWT-00-0000-0D0HH235H
35F
MKRAWT-00-0000-0D0HH235F
G4
840
974
MKRAWT-00-0000-0D0HG435H
MKRAWT-00-0000-0D0HG435F
3000 K
G4
840
974
30H
MKRAWT-00-0000-0D0HG430H
30F
MKRAWT-00-0000-0D0HG430F
G2
780
905
MKRAWT-00-0000-0D0HG230H
MKRAWT-00-0000-0D0HG230F
2700 K
G2
780
905
27H
MKRAWT-00-0000-0D0HG227H
27F
MKRAWT-00-0000-0D0HG227F
F4
730
847
MKRAWT-00-0000-0D0HF427H
MKRAWT-00-0000-0D0HF427F
90-CRI
easyWhite
3000 K
e4
635
737
30H
MKRAWT-00-0000-0D0UE430H
30F
MKRAWT-00-0000-0D0Ue430F
e2
590
684
MKRAWT-00-0000-0D0UE230H
MKRAWT-00-0000-0D0Ue230F
2700 K
e2
590
684
27H
MKRAWT-00-0000-0D0UE227H
27F
MKRAWT-00-0000-0D0Ue227F
D4
550
638
MKRAWT-00-0000-0D0UD427H
MKRAWT-00-0000-0D0UD427F
Notes:
• Cree maintains a tolerance of ± 7% on flux and power measurements, ± 0.005 on chromaticity (CCx, CCy)
measurements and ± 2 on CRI measurements.
• Minimum CRI for 80-CRI White is 80.
• Minimum CRI for 90-CRI White is 90.
* Flux values @ 25 °C are calculated and for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com