Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7939BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 28Page - Analog Devices AD7939BCPZ Datasheet HTML 29Page - Analog Devices AD7939BCPZ Datasheet HTML 30Page - Analog Devices AD7939BCPZ Datasheet HTML 31Page - Analog Devices AD7939BCPZ Datasheet HTML 32Page - Analog Devices AD7939BCPZ Datasheet HTML 33Page - Analog Devices AD7939BCPZ Datasheet HTML 34Page - Analog Devices AD7939BCPZ Datasheet HTML 35Page - Analog Devices AD7939BCPZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 33 of 36
ORDERING GUIDE
Model1
Temperature Range
Linearity Error (LSB)2
Package Description
Package Option
AD7938BCPZ
–40°C to +85°C
±1
32-Lead LFCSP_VQ
CP-32-2
AD7938BCPZ-REEL7
–40°C to +85°C
±1
32-Lead LFCSP_VQ
CP-32-2
AD7938BSUZ
–40°C to +85°C
±1
32-Lead TQFP
SU-32-2
AD7938BSUZ-REEL7
–40°C to +85°C
±1
32-Lead TQFP
SU-32-2
EVAL-AD7938CBZ
Evaluation Board
AD7939BCPZ
–40°C to +85°C
±1
32-Lead LFCSP_VQ
CP-32-2
AD7939BCPZ-REEL7
–40°C to +85°C
±1
32-Lead LFCSP_VQ
CP-32-2
AD7939BSUZ
–40°C to +85°C
±1
32-Lead TQFP
SU-32-2
AD7939BSUZ-REEL7
–40°C to +85°C
±1
32-Lead TQFP
SU-32-2
1
Z = RoHS Compliant Part.
2
Linearity error here refers to integral linearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com