Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7939BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 20Page - Analog Devices AD7939BCPZ Datasheet HTML 21Page - Analog Devices AD7939BCPZ Datasheet HTML 22Page - Analog Devices AD7939BCPZ Datasheet HTML 23Page - Analog Devices AD7939BCPZ Datasheet HTML 24Page - Analog Devices AD7939BCPZ Datasheet HTML 25Page - Analog Devices AD7939BCPZ Datasheet HTML 26Page - Analog Devices AD7939BCPZ Datasheet HTML 27Page - Analog Devices AD7939BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. C | Page 24 of 36
Alternatively, an external reference can be applied to the VREFIN/
VREFOUT pin of the AD7938/AD7939. An external reference
input is selected by setting the REF bit in the internal control
register to 0. The external reference input range is 0.1 V to VDD.
It is important to ensure that, when choosing the reference
value, the maximum analog input range (VINMAX) is never
greater than VDD + 0.3 V, to comply with the maximum ratings
of the device. For example, if operating in differential mode and
the reference is sourced from VDD, the 0 V to 2 × VREF range
cannot be used. This is because the analog input signal range
now extends to 2 × VDD, which exceeds the maximum rating
conditions. In the pseudo differential modes, the user must
ensure that VREF + (VIN−) ≤ VDD when using the 0 V to VREF range,
or when using the 2 × VREF range that 2 × VREF + (VIN−) ≤ VDD.
In all cases, the specified reference is 2.5 V.
The performance of the part with different reference values is
shown in Figure 10 to Figure 12. The value of the reference sets
the analog input span and the common-mode voltage range.
Errors in the reference source result in gain errors in the
AD7938/AD7939 transfer function and add to specified full-
scale errors on the part.
Table 13 lists examples of suitable voltage references available
from Analog Devices that can be used. Figure 35 shows a typical
connection diagram for an external reference.
Table 13. Examples of Suitable Voltage References
Reference
Output
Voltage (V)
Initial Accuracy
(% Max)
Operating
Current (µA)
AD780
2.5/3
0.04
1000
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
1
AD780
NC
8
2
+VIN
NC
7
3
GND
6
4
TEMP
5
O/P SELECT
TRIM
VOUT
VREF
2.5V
NC
NC
VDD
NC = NO CONNECT
10nF
0.1µF
0.1µF
0.1µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD7938/
AD7939*
Figure 35. Typical VREF Connection Diagram
Digital Inputs
The digital inputs applied to the AD7938/AD7939 are not
limited by the maximum ratings that limit the analog inputs.
Instead, the digital inputs applied can go to 7 V and are not
restricted by the VDD + 0.3 V limit as on the analog inputs.
Another advantage of the digital inputs not being restricted by
the VDD + 0.3 V limit is the fact that power supply sequencing
issues are avoided. If any of these inputs are applied before VDD,
there is no risk of latch-up as there would be on the analog
inputs if a signal greater than 0.3 V was applied prior to VDD.
VDRIVE Input
The AD7938/AD7939 have a VDRIVE feature. VDRIVE controls the
voltage at which the parallel interface operates. VDRIVE allows the
ADC to easily interface to 3 V and 5 V processors.
For example, if the AD7938/AD7939 are operated with an VDD
of 5 V and the VDRIVE pin is powered from a 3 V supply, the
AD7938/AD7939 have better dynamic performance with an
VDD of 5 V while still being able to interface directly to 3 V
processors. Care should be taken to ensure VDRIVE does not
exceed VDD by more than 0.3 V (see the Absolute Maximum
Ratings section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com