Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7939BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 23Page - Analog Devices AD7939BCPZ Datasheet HTML 24Page - Analog Devices AD7939BCPZ Datasheet HTML 25Page - Analog Devices AD7939BCPZ Datasheet HTML 26Page - Analog Devices AD7939BCPZ Datasheet HTML 27Page - Analog Devices AD7939BCPZ Datasheet HTML 28Page - Analog Devices AD7939BCPZ Datasheet HTML 29Page - Analog Devices AD7939BCPZ Datasheet HTML 30Page - Analog Devices AD7939BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 27 of 36
Writing Data to the AD7938/AD7939
With W/B tied logic high, a single write operation transfers the
full data-word on DB0 to DB11 to the control register on the
AD7938/AD7939. The DB8/HBEN pin assumes its DB8
function. Data written to the AD7938/AD7939 should be
provided on the DB0 to DB11 inputs, with DB0 being the LSB
of the data-word. With W/B tied logic low, the
AD7938/AD7939 requires two write operations to transfer a full
12-bit word. DB8/HBEN assumes its HBEN function. Data
written to the AD7938/AD7939 should be provided on the DB0
to DB7 inputs. HBEN determines whether the byte written is
high byte or low byte data. The low byte of the data-word
should be written first with DB0 being the LSB of the full data-
word. For the high byte write, HBEN should be high and the
data on the DB0 input should be data Bit 8 of the 12-bit word.
In both word and byte mode, a single write operation to the
shadow register is always sufficient since it is only eight bits
wide.
Figure 38 shows the write cycle timing diagram of the
AD7938/AD7939 in word mode. When operating in word
mode, the HBEN input does not exist and only one write
operation is required to write the word of data to the device.
Data should be provided on DB0 to DB11. When operating in
byte mode, the two write cycles shown in Figure 39 are required
to write the full data-word to the AD7938/AD7939. In Figure 39,
the first write transfers the lower eight bits of the data-word
from DB0 to DB7, and the second write transfers the upper four
bits of the data-word. When writing to the AD7938/AD7939, the
top four bits in the high byte must be 0s.
The data is latched into the device on the rising edge of WR.
The data needs to be setup a time, t7, before the WR rising edge
and held for a time, t8, after the WR rising edge. The CS and
WR signals are gated internally. CS and WR can be tied
together as the timing specifications for t4 and t5 are 0 ns
minimum (assuming CS and RD have not already been tied
together).
t8
t5
t7
t6
t4
DATA
DB0 TO DB11
WR
CS
Figure 38. AD7938/AD7939 Parallel Interface—Write Cycle Timing for Word Mode Operation (W/B = 1)
t5
t4
t7
t18
t18
t19
t19
t8
t6
t17
LOW BYTE
HIGH BYTE
DB0 TO DB11
HBEN/DB8
WR
CS
Figure 39. AD7938/AD7939 Parallel Interface—Write Cycle Timing for Byte Mode Operation (W/B = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com