Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7939BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 22Page - Analog Devices AD7939BCPZ Datasheet HTML 23Page - Analog Devices AD7939BCPZ Datasheet HTML 24Page - Analog Devices AD7939BCPZ Datasheet HTML 25Page - Analog Devices AD7939BCPZ Datasheet HTML 26Page - Analog Devices AD7939BCPZ Datasheet HTML 27Page - Analog Devices AD7939BCPZ Datasheet HTML 28Page - Analog Devices AD7939BCPZ Datasheet HTML 29Page - Analog Devices AD7939BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. C | Page 26 of 36
Reading Data from the AD7938/AD7939
With the W/B pin tied logic high, the AD7938/AD7939
interface operates in word mode. In this case, a single read
operation from the device accesses the conversion data-word
on Pins DB0/DB2 to Pin DB11. The DB8/HBEN pin assumes
its DB8 function. With the W/B pin tied to logic low, the
AD7938/AD7939 interface operates in byte mode. In this case,
the DB8/HBEN pin assumes its HBEN function. Conversion
data from the AD7938/AD7939 must be accessed in two read
operations with eight bits of data provided on DB0 to DB7 for
each of the read operations. The HBEN pin determines whether
the read operation accesses the high byte or the low byte of the
12-bit or 10-bit word. For a low byte read, DB0 to DB7 provide
the eight LSBs of the 12-bit word. For 10-bit operation, the two
LSBs of the low byte are 0s, followed by six bits of conversion
data. For a high byte read, DB0 to DB3 provide the four MSBs
of the 12-bit or10-bit word. DB5 to DB7 of the high byte
provide the channel ID. Figure 36 shows the read cycle timing
diagram for a 12-bit or 10-bit transfer. When operating in word
mode, the HBEN input does not exist, and only the first read
operation is required to access data from the device. When
operating in byte mode, the two read cycles shown in Figure 37
are required to access the full data-word from the device.
The CS and RD signals are gated internally and the level is
triggered active low. In either word mode or byte mode, CS and
RD can be tied together because the timing specifications for t10
and t11 are 0 ns minimum. This means the bus is constantly
driven by the AD7938/AD7939.
The data is placed onto the data bus a time t13 after both CS and
RD go low. The RD rising edge can be used to latch data out of
the device. After a time, t14, the data lines become three-stated.
Alternatively, CS and RD can be tied permanently low and the
conversion data is valid and placed onto the data bus a time, t9,
before the falling edge of BUSY.
Note that if RD is pulsed during the conversion time, this
causes a degradation in linearity performance of approximately
0.25 LSB. Reading during conversion by way of tying CS and
RD low does not cause any degradation.
t11
t10
t13
t15
t15
t16
t16
t14
t12
t17
LOW BYTE
HIGH BYTE
DB0 TO DB7
HBEN/DB8
RD
CS
Figure 37. AD7938/AD7939 Parallel Interface—Read Cycle Timing for Byte Mode Operation (W/B = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com