Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 5 Page - Analog Devices

  SSM2135SZ Datasheet HTML 1Page - Analog Devices SSM2135SZ Datasheet HTML 2Page - Analog Devices SSM2135SZ Datasheet HTML 3Page - Analog Devices SSM2135SZ Datasheet HTML 4Page - Analog Devices SSM2135SZ Datasheet HTML 5Page - Analog Devices SSM2135SZ Datasheet HTML 6Page - Analog Devices SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2135
Rev. G | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5V
RL
2.5V DC
500µF
Figure 3. Test Circuit for Figure 4, Figure 5, and Figure 6
1
0.0005
0.001
0.01
0.1
50m
0.1
1
5
INPUT VOLTAGE (V p-p)
RL = 32Ω
RL = 10kΩ
AV = +1
VS = 5V
f = 1kHz
80kHz LOW-PASS FILTER
Figure 4. THD + N vs. Amplitude (See Figure 3)
1
0.0005
0.001
0.01
0.1
20
100
1k
10k
20k
FREQUENCY (Hz)
AV = +1
VS = 5V
VIN = 1V p-p
80kHz LOW-PASS FILTER
RL = 32Ω
RL = 10kΩ
Figure 5. THD + N vs. Frequency (See Figure 3)
10
1
0.001
0.01
0.1
10
100
1k
10k
LOAD RESISTANCE (Ω)
VS = 5V
AV = +1
f = 1kHz
VIN = 1V p-p
RL = 10kΩ
80kHz LOW-PASS FILTER
Figure 6. THD + N vs. Load (See Figure 3)
1
0.1
0.001
0.01
0
102030405060
GAIN (dB)
VS = 5V
f = 1kHz
VOUT = 2.5V p-p
RL = 100kΩ
80kHz LOW-PASS FILTER
NONINVERTING
INVERTING
Figure 7. THD + N vs. Gain
1
0.1
0.001
0.01
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
VS = 5V
AV = +1
f = 1kHz
VIN = 1V p-p
RL = 10kΩ
80kHz LOW-PASS FILTER
Figure 8. THD + N vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com