Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 2Page - Analog Devices SSM2135SZ Datasheet HTML 3Page - Analog Devices SSM2135SZ Datasheet HTML 4Page - Analog Devices SSM2135SZ Datasheet HTML 5Page - Analog Devices SSM2135SZ Datasheet HTML 6Page - Analog Devices SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSM2135
Rev. G | Page 6 of 16
10
1
0.1
0.001
0.01
50m
0.1
1
5
AMPLITUDE (V p-p)
VS = 5V
AV = +1
f = 1kHz
RL = 10kΩ
Figure 9. SMPTE Intermodulation Distortion
100
90
10
0%
1s
Figure 10. Input Voltage Noise (20 nV/Div)
30
25
20
15
10
5
0
1
10
100
1k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
Figure 11. Voltage Noise Density vs. Frequency
5
4
3
2
1
0
1
10
100
1k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
Figure 12. Current Noise Density vs. Frequency
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
10
100
1k
10k
100k
FREQUENCY (Hz)
AV = +1
VS = 5V
VIN = 1V p-p
RL = 10kΩ
Figure 13. Frequency Response
100
90
10
0%
5µs
5µs
20mV
20mV
Figure 14. Square Wave Response (VS = 5 V, AV = +1, RL = ∞)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com