Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices SSM2135SZ Datasheet HTML 11Page - Analog Devices SSM2135SZ Datasheet HTML 12Page - Analog Devices SSM2135SZ Datasheet HTML 13Page - Analog Devices SSM2135SZ Datasheet HTML 14Page - Analog Devices SSM2135SZ Datasheet HTML 15Page - Analog Devices SSM2135SZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2135
Rev. G | Page 12 of 16
Single Supply Differential Line Driver
Signal distribution and routing is often required in audio systems,
particularly portable digital audio equipment for professional
applications. Figure 35 shows a single-supply line driver circuit
that has differential output. The bottom amplifier provides a
2 V dc bias for the differential amplifier to maximize the output
swing range. The amplifier can output a maximum of 0.8 V rms
signal with a 5 V supply. It is capable of driving into 600 Ω line
termination at a reduced output amplitude.
5V
1/2
SSM2135
1/2
SSM2135
AUDIO IN
100µF
1kΩ
DIFFERENTIAL
AUDIO OUT
5V
1/2
SSM2135
1kΩ
2.5kΩ
100Ω
5V
7.5kΩ
5kΩ
1µF
0.1µF
2V
10kΩ
1kΩ
10µF + 0.1µF
Figure 35. Single-Supply Differential Line Driver
Single-Supply Differential Line Receiver
Receiving a differential signal with minimum distortion is
achieved using the circuit in Figure 36. Unlike a difference
amplifier (a subtractor), the circuit has a true balanced input
impedance regardless of input drive levels; that is, each input
always presents a 20 kΩ impedance to the source. For best
common-mode rejection performance, all resistors around the
differential amplifier must be very well matched. Best results
can be achieved using a 10 kΩ precision resistor network.
1/2
SSM2135
AUDIO
OUT
1/2
SSM2135
20kΩ
5V
5V
1/2
SSM2135
DIFFERENTIAL
AUDIO IN
100Ω
5kΩ
1µF
0.1µF
2.5kΩ
5V
7.5kΩ
10Ω
10µF
20kΩ
20kΩ
2V
20kΩ
20kΩ
10µF + 0.1µF
Figure 36. Single-Supply Balanced Differential Line Receiver
Pseudoreference Voltage Generator
For single-supply circuits, a reference voltage source is often
required for biasing purposes or signal offsetting purposes. The
circuit in Figure 37 provides a supply splitter function with low
output impedance. The 1 μF output capacitor serves as a charge
reservoir to handle a sudden surge in demand by the load as
well as providing a low ac impedance to it. The 0.1 μF feedback
capacitor compensates the amplifier in the presence of a heavy
capacitive load, maintaining stability.
The output can source or sink up to 12 mA of current with a
5 V supply, limited only by the 100 Ω output resistor. Reducing
the resistance increases the output current capability. Alternatively,
increasing the supply voltage to 12 V also improves the output
drive to more than 25 mA.
1/2
SSM2135
V+ = 5V TO 12V
R3
2.5kΩ
R4
100kΩ
R2
5kΩ
R1
5kΩ
C1
0.1µF
V+
2
OUTPUT
C2
1µF
Figure 37. Pseudoreference Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com