Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135SZ Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices SSM2135SZ Datasheet HTML 11Page - Analog Devices SSM2135SZ Datasheet HTML 12Page - Analog Devices SSM2135SZ Datasheet HTML 13Page - Analog Devices SSM2135SZ Datasheet HTML 14Page - Analog Devices SSM2135SZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2135
Rev. G | Page 11 of 16
Low Noise Microphone Preamplifier
The 5.2 nV/√Hz input noise in conjunction with low distortion
make the SSM2315 an ideal device for amplifying low level signals
such as those produced by microphones. Figure 34 illustrates a
stereo microphone input circuit feeding a multimedia sound
codec. The gain is set at 100 (40 dB), although it can be set to
other gains depending on the microphone output levels. Figure 33
shows the harmonic distortion performance of the preamplifier
with 1 V rms output, while operating from a single 5 V supply.
The SSM2135 is biased to 2.25 V by the VREF pin of the AD1845
codec. The same voltage is buffered by the 2N4124 transistor to
provide phantom power to the microphone. A typical electrets
condenser microphone with an impedance range of 100 Ω to
1 kΩ works well with the circuit. This power booster circuit can
be omitted for dynamic microphone elements.
1
0.01
0.1
10
20k
10k
1k
100
FREQUENCY (Hz)
VS = 5V
AV = 40dB
VOUT = 1V rms
80kHz LOW-PASS FILTER
Figure 33. MIC Preamp THD + N Performance
LEFT CHANNEL
MIC IN
RIGHT CHANNEL
MIC IN
2kΩ
5V
10µF
10kΩ
2N4124
L_MIC
VCC
GNDA
VREF
AD1845
R_MIC
2kΩ
10µF
10kΩ
10µF
0.1µF
100Ω
10kΩ
100Ω
10kΩ
0.1µF
10µF
5V
2
3
4
1
8
5
6
7
5V
29
35/36
34/37
32
28
1/2
SSM2135
1/2
SSM2135
Figure 34. Low Noise Microphone Preamp for Multimedia Sound Codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com