Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD737JRZ-5-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-5-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD737JRZ-5-R7 Datasheet HTML 1Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 2Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 3Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 4Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 5Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 6Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 7Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 8Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 3 of 24
SPECIFICATIONS
TA = 25°C, ±VS = ±5 V except as noted, CAV = 33 µF, CC = 10 µF, f = 1 kHz, sine wave input applied to Pin 2, unless otherwise specified.
Specifications shown in boldface are tested on all production units at final electrical test. Results from these tests are used to calculate
outgoing quality levels.
Table 1.
Parameter
Test Conditions/
Comments
AD737A, AD737J
AD737K
AD737J-5
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ACCURACY
Total Error
EIN = 0 to 200 mV rms
0.2/0.3
0.4/0.5
0.2/0.2
0.2/0.3
±mV/±POR1
±VS = ±2.5 V
0.2/0.3
0.4/0.5
±mV/±POR1
±VS = ±2.5 V,
input to Pin 1
0.2/0.3
0.4/0.5
±mV/±POR1
EIN = 200 mV to 1 V rms
−1.2
±2.0
−1.2
±2.0
POR
Over
Temperature
JN, JR, KR
EIN = 200 mV rms,
±VS = ±2.5 V
0.007
0.007
0.02
±POR/°C
AN and AR
EIN = 200 mV rms,
±VS = ±2.5 V
0.014
0.014
±POR/°C
vs. Supply Voltage
EIN = 200 mV rms,
±VS = ±2.5 V to ±5 V
0
−0.18
−0.3
0
−0.18
−0.3
0
−0.18
−0.3
%/V
EIN = 200 mV rms,
±VS = ±5 V to ±16.5 V
0
0.06
0.1
0
0.06
0.1
0
0.06
0.1
%/V
DC Reversal Error
DC-coupled,
VIN = 600 mV dc
1.3
2.5
1.3
2.5
POR
±VS = ±2.5 V
VIN = 200 mV dc
1.7
2.5
POR
Nonlinearity2
EIN = 0 mV to
200 mV rms,
@ 100 mV rms
0
0.25
0.35
0
0.25
0.35
POR
Input to Pin 13
AC coupled,
EIN = 100 mV rms, after
correction, ±VS = ±2.5 V
0.02
0.1
POR
Total Error,
External Trim
EIN = 0 mV to
200 mV rms
0.1/0.2
0.1/0.2
0.1/0.2
±mV/±POR
ADDITIONAL
CREST FACTOR
ERROR4
For Crest Factors
from 1 to 3
CAV = CF = 100 µF
0.7
0.7
%
CAV = 22 µF, CF = 100 µF,
±VS = ±2.5 V, input to
Pin 1
1.7
%
For Crest Factors
from 3 to 5
CAV = CF = 100 µF
2.5
2.5
%
INPUT
CHARACTERISTICS
High-ZInput (Pin 2)
Signal Range
Continuous
RMS Level
±VS = +2.5 V
200
mV rms
±VS = +2.8 V/−3.2 V
200
200
mV rms
±VS = ±5 V to ±16.5 V
1
1
V rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com