Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-5-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD737JRZ-5-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-5-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD737JRZ-5-R7 Datasheet HTML 6Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 7Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 8Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 9Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 10Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 11Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 12Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 13Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD737
Data Sheet
Rev. I | Page 10 of 24
1.0
1.5
2.0
2.5
3.0
4.0
3.5
0
2
4
6
8
12
14
10
16
SUPPLY VOLTAGE (±V)
Figure 16. Input Bias Current vs. Supply Voltage
100µV
1mV
10mV
100mV
1V
1ms
10ms
100ms
1s
10s
100s
SETTLING TIME
CC = 22µF
CF = 0µF
CAV = 10µF
CAV = 33µF
CAV = 100µF
Figure 17. RMS Input Level vs. Settling Time for Three Values of CAV
100fA
10nA
1nA
100pA
10pA
1pA
–55
–35
–15
5
25
65
85
105
45
125
TEMPERATURE (°C)
Figure 18. Input Bias Current vs. Temperature
100µV
10mV
1mV
1V
100mV
10V
0.1
1
10
100
1000
FREQUENCY (kHz)
VS = ±2.5V,
CAV = 22µF, CF = 4.7µF, CC = 22µF
Figure 19. Frequency Response Driving Pin 1; Negative DC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com