Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD737JRZ-5-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD737JRZ-5-R7 Datasheet HTML 13Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 14Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 15Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 16Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 17Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 18Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 19Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 20Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 17 of 24
+
RCAL**
R1**
IREF
10
*
11
9
Q2
**R1 + RCAL IN Ω = 10,000 ×
4.3V
0dB INPUT LEVEL IN V
AD711
1kΩ
3500PPM/°C
60.4Ω
dB OUTPUT
100mV/dB
PRECISION
RESISTOR
CORP
TYPE PT/ST
2kΩ
31.6kΩ
SCALE
FACTOR
TRIM
13
Q1
12
14
*
RMS
CORE
AD737
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
8kΩ
1
2
3
4
8
7
6
5
3
6
2
VIN
POWER
DOWN
–VS
CC
COM
OUTPUT
+VS
NC
CAV
CAV
+
CC
10µF
NC = NO CONNECT
*Q1, Q2 PART OF RCA CA3046 OR SIMILAR NPN TRANSISTOR ARRAY.
FULL-WAVE
RECTIFIER
Figure 30. dB Output Connection
COM
1
2
3
8
7
6
VOUT
+VS
–VS
+VS
CC
VIN
POWER
DOWN
AD737
INPUT
AMPLIFIER
OFFSET ADJUST
500kΩ
8kΩ
SCALE
FACTOR
ADJUST
1kΩ
1MΩ
1kΩ
499Ω
FULL-WAVE
RECTIFIER
Figure 31. DC-Coupled Offset Voltage and Scale Factor Trims



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com