Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ-5-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD737JRZ-5-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-5-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD737JRZ-5-R7 Datasheet HTML 12Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 13Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 14Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 15Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 16Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 17Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 18Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 19Page - Analog Devices AD737JRZ-5-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD737
Data Sheet
Rev. I | Page 16 of 24
COM
+V
AD589
1.23V
CAV
CC
POWER
DOWN
0.1µF
CC
10µF
SWITCH CLOSED
ACTIVATES
POWER-DOWN
MODE. AD737 DRAWS
JUST 40µA IN THIS MODE
2V
20V
200V
9MΩ
900kΩ
90kΩ
10kΩ
VIN
200mV
VIN
–VS
+
+
+VS
+
1µF
OUTPUT
1MΩ
–VS
+VS
1N4148
1N4148
47kΩ
1W
1µF
+
COMMON
33µF
REF LOW
REF HIGH
31/2 DIGIT ICL7136
TYPE CONVERTER
LOW
HIGH
ANALOG
9V
200kΩ
20kΩ
50kΩ
+
1PRV
0.01µF
RMS
CORE
AD737
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
8kΩ
1
2
3
4
8
7
6
5
FULL-WAVE
RECTIFIER
Figure 27. 3½ Digit DVM Circuit
COM
INPUT
CAV
CAV
33µF
CF
0.47µF
C1
0.47µF
C5
1µF
C4
2.2µF
R7
100kΩ
R4
5kΩ
R2
5kΩ
R3
78.7kΩ
R5
80.6kΩ
R1
69.8kΩ
1%
R8
100kΩ
C3
0.01µF
0.01µF
C2
0.01µF
CC
POWER
DOWN
INPUT SCALE FACTOR ADJ
VIN
–VS
OUTPUT
+VS
+
OUTPUT
AD737
+
5V
5V
2.5V
AD8541AR
5V
NC
NC = NO CONNECT
OUTPUT ZERO
ADJUST
1
2
3
4
8
7
6
5
1
4
7
5
3
6
2
Figure 28. Battery-Powered Operation for 200 mV Maximum RMS Full-Scale Input
VOUT
RMS
CORE
CC
VIN
CF
10µF
COM
OUTPUT
AD737
BIAS
SECTION
INPUT
AMPLIFIER
SCALE FACTOR
ADJUST
8kΩ
8kΩ
POWER
DOWN
–VS
+VS
+
CAV
1
2
3
4
8
7
6
5
100Ω
200Ω
CAV
33µF
CC
10µF
+
+
FULL-WAVE
RECTIFIER
Figure 29. External Scale Factor Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com