Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5063EB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD5063EB
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5063EB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD5063EB Datasheet HTML 1Page - Analog Devices EVAL-AD5063EB Datasheet HTML 2Page - Analog Devices EVAL-AD5063EB Datasheet HTML 3Page - Analog Devices EVAL-AD5063EB Datasheet HTML 4Page - Analog Devices EVAL-AD5063EB Datasheet HTML 5Page - Analog Devices EVAL-AD5063EB Datasheet HTML 6Page - Analog Devices EVAL-AD5063EB Datasheet HTML 7Page - Analog Devices EVAL-AD5063EB Datasheet HTML 8Page - Analog Devices EVAL-AD5063EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5063
Rev. C | Page 3 of
20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, VREF = 4.096 V @ VDD = 5.0 V, RL = unloaded, CL = unloaded to GND; TMIN to TMAX, unless otherwise noted.
Table 2.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)
±0.5
±1
LSB
−40°C to + 85°C, B grade over all codes
Total Unadjusted Error (TUE)
±500
±800
μV
Differential Nonlinearity (DNL)
±0.5
±1
LSB
Guaranteed monotonic
Gain Error
±0.01
±0.02
% FSR
TA = −40°C to +85°C
Gain Error Temperature Coefficient
1
ppm FSR/°C
Zero-Code Error
±0.05
±0.1
mV
All 0s loaded to DAC register,
TA = −40°C to +85°C
Zero-Code Error Temperature Coefficient
0.05
μV/°C
Offset Error
±0.05
±0.1
mV
TA = −40°C to +85°C
Offset Error Temperature Coefficient
0.5
μV/°C
Full-Scale Error
±500
±800
μV
All 1s loaded to DAC register,
TA = −40°C to +85°C
Bipolar Resistor Matching
1
Ω/Ω
RFB/RINV, RFB = RINV = 30 kΩ typically
Bipolar Zero Offset Error
±8
±16
LSB
Bipolar Zero Temperature Coefficient
±0.5
ppm FSR/°C
Bipolar Gain Error
±16
±32
LSB
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VREF
V
Unipolar operation
−VREF
VREF
V
Bipolar operation
Output Voltage Settling Time3
¼ scale to ¾ scale code transition to ±1 LSB
AD5063BRMZ
4
μs
AD5063BRMZ-1
1
μs
VDD = 4.5 V to 5.5 V
4
μs
VDD = 2.7 V to 5.5 V
Output Noise Spectral Density
64
nV/√Hz
DAC code = midscale, 1 kHz
Output Voltage Noise
6
μV p-p
DAC code = midscale, 0.1 Hz to 10 Hz
bandwidth
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry
Digital Feedthrough
0.002
nV-s
DC Output Impedance (Normal)
8
kΩ
Output impedance tolerance ±10%
DC Output Impedance (Power-Down)
(Output Connected to 1 kΩ Network)
1
kΩ
Output impedance tolerance ±400 Ω
(Output Connected to 10 kΩ Network)
100
kΩ
Output impedance tolerance ±20 kΩ
REFERENCE INPUT/OUPUT
VREF Input Range
2
VDD − 50 mV
Input Current (Power-Down)
±1
μA
Zero-scale loaded
Input Current (Normal)
±1
μA
DC Input Impedance
1
MΩ
Bipolar/unipolar operation
LOGIC INPUTS
Input Current4
±1
±2
μA
Input Low Voltage, VIL
0.8
V
VDD = 4.5 V to 5.5 V
0.8
VDD = 2.7 V to 3.6 V
Input High Voltage, VIH
2.0
V
VDD = 2.7 V to 5.5 V
1.8
VDD = 2.7 V to 3.6 V
Pin Capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com