Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5063EB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD5063EB
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5063EB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5063EB Datasheet HTML 3Page - Analog Devices EVAL-AD5063EB Datasheet HTML 4Page - Analog Devices EVAL-AD5063EB Datasheet HTML 5Page - Analog Devices EVAL-AD5063EB Datasheet HTML 6Page - Analog Devices EVAL-AD5063EB Datasheet HTML 7Page - Analog Devices EVAL-AD5063EB Datasheet HTML 8Page - Analog Devices EVAL-AD5063EB Datasheet HTML 9Page - Analog Devices EVAL-AD5063EB Datasheet HTML 10Page - Analog Devices EVAL-AD5063EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5063
Rev. C | Page 7 of
20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5063
TOP VIEW
(Not to Scale)
VOUT
SYNC
110
AGND
SCLK
29
DIN
DACGND
38
VREF
47
VDD
INV
RFB
56
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DIN
Serial Data Input. This device has a 24-bit shift register. Data is clocked into the register on the falling edge of the
serial clock input.
2
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and VDD should be decoupled to GND.
3
VREF
Reference Voltage Input.
4
VOUT
Analog Output Voltage from DAC.
5
INV
Connected to the Internal Scaling Resistors of the DAC. Connect the INV pin to the external op amp’s inverting
input in bipolar mode.
6
RFB
Feedback Resistor. In bipolar mode, connect this pin to the external op amp circuit.
7
AGND
Ground Reference Point for Analog Circuitry.
8
DACGND
Ground Input to the DAC.
9
SYNC
Level-Triggered Control Input (Active Low). This is the frame synchronization signal for the input data. When
SYNC goes low, it enables the input shift register, and data is then transferred in on the falling edges of the
following clocks. The DAC is updated following the 24th clock cycle unless SYNC is taken high before this edge, in
which case the rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the DAC.
10
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates of up to 30 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com