Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5063EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD5063EB
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5063EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD5063EB Datasheet HTML 9Page - Analog Devices EVAL-AD5063EB Datasheet HTML 10Page - Analog Devices EVAL-AD5063EB Datasheet HTML 11Page - Analog Devices EVAL-AD5063EB Datasheet HTML 12Page - Analog Devices EVAL-AD5063EB Datasheet HTML 13Page - Analog Devices EVAL-AD5063EB Datasheet HTML 14Page - Analog Devices EVAL-AD5063EB Datasheet HTML 15Page - Analog Devices EVAL-AD5063EB Datasheet HTML 16Page - Analog Devices EVAL-AD5063EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5063
Rev. C | Page 13 of
20
THEORY OF OPERATION
The AD5063 is a single 16-bit, serial input, voltage-output DAC.
It operates from supply voltages of 2.7 V to 5.5 V. Data is
written to the AD5063 in a 24-bit word format via a 3-wire serial
interface.
The AD5063 incorporates a power-on reset circuit that ensures
the DAC output powers up to midscale. The device also has a
software power-down mode pin that reduces the typical current
consumption to less than 1 μA.
DAC ARCHITECTURE
The DAC architecture of the AD5063 consists of two matched
DAC sections. A simplified circuit diagram is shown in
Figure 27. The four MSBs of the 16-bit data-word are decoded
to drive 15 switches, E1 to E15. Each of these switches connects
one of 15 matched resistors to either the DACGND or VREF
buffer output. The remaining 12 bits of the data-word drive
Switches S0 to S11 of a 12-bit voltage mode R-2R ladder
network.
2R
S0
VREF
2R
S1
2R
S11
2R
E1
2R
E2
2R
E15
2R
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
Figure 27. DAC Ladder Structure
REFERENCE BUFFER
The AD5063 operates with an external reference. The reference
input (VREF) has an input range of 2 V to AVDD − 50 mV. This
input voltage is used to provide a buffered reference for the
DAC core.
SERIAL INTERFACE
The AD5063 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards, as well as most DSPs. (See
for a
timing diagram of a typical write sequence.)
Figure 2
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making these parts compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed (that is, a change
in the DAC register contents and/or a change in the mode of
operation).
At this stage, the SYNC line can be kept low or be brought
high. In either case, it must be brought high for a minimum of
12 ns before the next write sequence, so that a falling edge of
SYNC can initiate the next write sequence. Because the SYNC
buffer draws more current when VIH = 1.8 V than it does when
VIH = 0.8 V, SYNC should be idled low between write sequences
for even lower power operation of the part. As previously indi-
cated, however, it must be brought high again just before the
next write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 28). PD1
and PD0 are bits that control the operating mode of the part
(normal mode or any one of the three power-down modes).
There is a more complete description of the various modes in
the Power-Down Modes section. The next 16 bits are the data
bits. These are transferred to the DAC register on the 24th falling
edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 24 falling edges of SCLK, and the DAC is updated on the
24th falling edge. However, if SYNC is brought high before the
24th falling edge, it acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see
).
Figure 31
DATA BITS
DB15 (MSB)
DB0 (LSB)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NORMAL OPERATION
1kΩ TO GND
100kΩ TO GND
THREE-STATE
POWER-DOWN MODES
0
0
1
1
0
1
0
1
00
0
0
0
0
PD1
PD0
Figure 28. Input Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com