Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5063EB Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD5063EB
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5063EB Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD5063EB Datasheet HTML 1Page - Analog Devices EVAL-AD5063EB Datasheet HTML 2Page - Analog Devices EVAL-AD5063EB Datasheet HTML 3Page - Analog Devices EVAL-AD5063EB Datasheet HTML 4Page - Analog Devices EVAL-AD5063EB Datasheet HTML 5Page - Analog Devices EVAL-AD5063EB Datasheet HTML 6Page - Analog Devices EVAL-AD5063EB Datasheet HTML 7Page - Analog Devices EVAL-AD5063EB Datasheet HTML 8Page - Analog Devices EVAL-AD5063EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5063
Rev. C | Page 4 of
20
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
0.65
0.7
mA
VIN = VDD and VIL = GND, VDD = 5 V,
VREF = 4.096 V, code = midscale
VDD = 2.7 V to 3.6 V
0.5
mA
VIH = VDD and VIL = GND, VDD = 3 V
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
1
μA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
1
μA
VIH = VDD and VIL = GND
Power Supply Rejection Ratio (PSRR)
0.5
LSB
∆VDD ± 10%, VDD = 5 V, unloaded
1 Temperature ranges for the B version: −40°C to +85°C, typical at +25°C, functional to +125°C.
2 Guaranteed by design and characterization, not production tested.
3 See the Ordering Guide.
4 Total current flowing into all pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com