Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB154S Datasheet(PDF) 5 Page - Kingtronics International Company

Part # DB154S
Description  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB154S Datasheet(HTML) 5 Page - Kingtronics International Company

  DB154S Datasheet HTML 1Page - Kingtronics International Company DB154S Datasheet HTML 2Page - Kingtronics International Company DB154S Datasheet HTML 3Page - Kingtronics International Company DB154S Datasheet HTML 4Page - Kingtronics International Company DB154S Datasheet HTML 5Page - Kingtronics International Company DB154S Datasheet HTML 6Page - Kingtronics International Company DB154S Datasheet HTML 7Page - Kingtronics International Company DB154S Datasheet HTML 8Page - Kingtronics International Company DB154S Datasheet HTML 9Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
5
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
KBU806
600
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU808
800
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU810
1000
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU10005
50
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1001
100
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1002
200
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1004
400
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1006
600
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1008
800
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1010
1000
10.0
150
5.0/10
1.0/1.1
10
5001)
2.2
-55~+150
KBU
KBU15005
50
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1501
100
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1502
200
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1504
400
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1506
600
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1508
800
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1510
1000
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU25005
50
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2501
100
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2502
200
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2504
400
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2506
600
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2508
800
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2510
1000
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
GBP2005
50
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP201
100
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP202
200
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP204
400
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP206
600
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP208
800
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP210
1000
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
Note:1)TA=125℃
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com