Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB154S Datasheet(PDF) 8 Page - Kingtronics International Company

Part # DB154S
Description  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB154S Datasheet(HTML) 8 Page - Kingtronics International Company

Back Button DB154S Datasheet HTML 4Page - Kingtronics International Company DB154S Datasheet HTML 5Page - Kingtronics International Company DB154S Datasheet HTML 6Page - Kingtronics International Company DB154S Datasheet HTML 7Page - Kingtronics International Company DB154S Datasheet HTML 8Page - Kingtronics International Company DB154S Datasheet HTML 9Page - Kingtronics International Company DB154S Datasheet HTML 10Page - Kingtronics International Company DB154S Datasheet HTML 11Page - Kingtronics International Company DB154S Datasheet HTML 12Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
8
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
GBU1501
100
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU1502
200
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU1504
400
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU1506
600
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU1508
800
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU1510
1000
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU25005
50
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2501
100
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2502
200
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2504
400
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2506
600
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2508
800
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBU2510
1000
25.0
260
12.5
1.1
5.0
500
2.2
-55~+150
GBU
GBJ2005
50
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ201
100
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ202
200
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ204
400
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ206
600
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ208
800
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
GBJ210
1000
2.0
50
1.0
1.0
10
1000
10
-55~+150
KBJ2
KBJ4005
50
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ401
100
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ402
200
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ404
400
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ406
600
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ408
800
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
KBJ410
1000
4.0
120
4.0
1.0
5.0
500
2.2
-55~+150
KBJ4
GBJ6005
50
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ601
100
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ602
200
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ604
400
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ606
600
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com