Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB154S Datasheet(PDF) 9 Page - Kingtronics International Company

Part # DB154S
Description  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB154S Datasheet(HTML) 9 Page - Kingtronics International Company

Back Button DB154S Datasheet HTML 5Page - Kingtronics International Company DB154S Datasheet HTML 6Page - Kingtronics International Company DB154S Datasheet HTML 7Page - Kingtronics International Company DB154S Datasheet HTML 8Page - Kingtronics International Company DB154S Datasheet HTML 9Page - Kingtronics International Company DB154S Datasheet HTML 10Page - Kingtronics International Company DB154S Datasheet HTML 11Page - Kingtronics International Company DB154S Datasheet HTML 12Page - Kingtronics International Company DB154S Datasheet HTML 13Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
9
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
GBJ608
800
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ610
1000
6.0
135
3.0/6.0
1.0/1.1
5.0
500
1.8
-55~+150
KBJ6
GBJ8005
50
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ801
100
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ802
200
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ804
400
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ806
600
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ808
800
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ810
1000
8.0
135
4.0
1.0
5.0
500
1.6
-55~+150
KBJ6
GBJ10005
50
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1001
100
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1002
200
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1004
400
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1006
600
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1008
800
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ1010
1000
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.4
-55~+150
KBJ4
GBJ15005
50
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1501
100
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1502
200
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1504
400
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1506
600
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1508
800
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ1510
1000
15.0
200
7.5
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ20005
50
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2001
100
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2002
200
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2004
400
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2006
600
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2008
800
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ2010
1000
20.0
240
10
1.1
5.0
500
0.8
-55~+150
KBJ6
GBJ25005
50
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ2501
100
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com