Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB154S Datasheet(PDF) 1 Page - Kingtronics International Company

Part # DB154S
Description  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB154S Datasheet(HTML) 1 Page - Kingtronics International Company

  DB154S Datasheet HTML 1Page - Kingtronics International Company DB154S Datasheet HTML 2Page - Kingtronics International Company DB154S Datasheet HTML 3Page - Kingtronics International Company DB154S Datasheet HTML 4Page - Kingtronics International Company DB154S Datasheet HTML 5Page - Kingtronics International Company DB154S Datasheet HTML 6Page - Kingtronics International Company DB154S Datasheet HTML 7Page - Kingtronics International Company DB154S Datasheet HTML 8Page - Kingtronics International Company DB154S Datasheet HTML 9Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
ABS2
200
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS4
400
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS6
600
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS8
800
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS10
1000
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
MB2S
200
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB4S
400
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB6S
600
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB8S
800
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB10S
1000
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MBSK12S
20
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MBSK13S
30
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MBSK14S
40
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MB2M
200
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB4M
400
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB6M
600
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB8M
800
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB10M
1000
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
DB101/DF005
50
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB102/DF01
100
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB103/DF02
200
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB104/DF04
400
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB105/DF06
600
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB106/DF08
800
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB107/DF10
1000
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB101S/DF005S
50
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB102S/DF01S
100
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB103S/DF02S
200
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB104S/DF04S
400
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB105S/DF06S
600
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB106S/DF08S
800
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
Note:1)TA=125℃
Note: Specifications are subject to change without notice.


Similar Part No. - DB154S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB154S RECTRON-DB154S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB154S DCCOM-DB154S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB154S FORMOSA-DB154S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB154S BILIN-DB154S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB154S YANGJIE-DB154S Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB154S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com