Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4941-1
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, VS = 5 V, RL,dm = 1 kΩ, REF = 2.5 V, DIS = LOW, OUT+ directly connected to FB (G = 2), TA = 25°C.
2
–16
–15
–14
–13
–12
1
1000
FREQUENCY (MHz)
1
0
–1
–2
–3
–11
–4
–5
–6
–7
–8
–9
–10
10
100
VO, dm = 0.1V p-p
VS = +3V
VS = +5V
VS = ±5V
Figure 5. Small Signal Frequency Response for Various Power Supplies
2
–16
–15
–14
–13
–12
1
1000
FREQUENCY (MHz)
1
0
–1
–2
–3
–11
–4
–5
–6
–7
–8
–9
–10
10
100
+25°C
–40°C
+85°C
VO, dm = 0.1V p-p
Figure 6. Small Signal Frequency Response at Various Temperatures
2
–15
1
1000
FREQUENCY (MHz)
10
100
RL, dm = 1kΩ
RL, dm = 5kΩ
RL, dm = 500Ω
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
VO, dm = 0.1V p-p
Figure 7. Small Signal Frequency Response for Various Resistive Loads
2
–16
–15
–14
–13
–12
0.1
100
FREQUENCY (MHz)
1
0
–1
–2
–3
–11
–4
–5
–6
–7
–8
–9
–10
1
10
VS = +3V
VO, dm = 2V p-p
VS = +5V
VO, dm = 6V p-p
VS = ±5V
VO, dm = 12V p-p
Figure 8. Large Signal Frequency Response for Various Power Supplies
2
–16
–15
–14
–13
–12
0.1
100
FREQUENCY (MHz)
1
0
–1
–2
–3
–11
–4
–5
–6
–7
–8
–9
–10
1
10
+25°C
–40°C
+85°C
VO, dm = 6V p-p
Figure 9. Large Signal Frequency Response at Various Temperatures
2
–16
0.1
10
FREQUENCY (MHz)
RL, dm = 1kΩ
RL, dm = 5kΩ
RL, dm = 500Ω
VO, dm = 6V p-p
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
1
Figure 10. Large Signal Frequency Response for Various Resistive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com